データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY2CC910OC データシート(PDF) 1 Page - Cypress Semiconductor

部品番号 CY2CC910OC
部品情報  1:10 Clock Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OC データシート(HTML) 1 Page - Cypress Semiconductor

  CY2CC910OC Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1:10 Clock Fanout Buffer
COMLINK™ SERIES
CY2CC910
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07348 Rev. *A
Revised October 3, 2002
Features
• Low-voltage operation
• Full-range support:
— 3.3V
— 2.5V
— 1.8V
• Over voltage tolerant input hot swappable
• 1:10 fanout
• Drives either a 50-Ohm or 75-Ohm load
• Low-input capacitance
• Low-output skew
• Low-propagation delay
• Typical (tpd < 4 ns)
• High-speed operation:
— -200 MHz@1.8V
— 650 MHz@2.5V/3.3V
• Industrial versions available
• Available packages include: SOIC, SSOP
Description
The Cypress series of network circuits are produced using
advanced 0.35 micron CMOS technology, achieving the indus-
tries fastest logic and buffers.
The Cypress CY2CC910 fanout buffer features one input and
ten outputs. Ideal for conversion from/to 3.3V/2.5V/1.8V
Designed for Data Communications clock management appli-
cations, the large fanout from a single input reduces loading
on the input clock.
Cypress employs unique AVCMOS type outputs VOI™
(Variable Output Impedance) that dynamically adjust for
variable impedance matching and eliminate the need for
series damping resistors and reduce noise overall.
Pin Description
Pin Number
Pin Name
Description
1
IN
Input
2,6,10,13,17
GND
Ground
4,8,15,20
VDD
Power Supply
3,5,7,9,11,12,14,16,18,19
Q1,Q2,Q3,Q4,Q5,Q6,Q7,Q8,Q9,Q10
Output
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20 pin SOIC/SSOP
VDD
Q10
Q9
GND
Q8
VDD
Q7
GND
Q6
Q5
IN
GND
Q1
VDD
Q2
GND
Q3
VDD
Q4
GND
OUTPUT
(AVCMOS)
IN
3
11
14
12
9
7
5
16
18
19
Q1
Q5
Q7
Q6
Q4
Q3
Q2
Q8
Q9
Q1 0
GN D
VD D
INPUT
(AVCMOS)
2,6,10
13,17
4,8
15,20
1
Block Diagram
Pin Configuration


同様の部品番号 - CY2CC910OC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY2CC910OC CYPRESS-CY2CC910OC Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910OC CYPRESS-CY2CC910OC Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
CY2CC910OCT CYPRESS-CY2CC910OCT Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910OCT CYPRESS-CY2CC910OCT Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
More results

同様の説明 - CY2CC910OC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
1:10 Clock Fanout Buffer with Output Enable
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
Dual 1:10 Differential Clock / Data Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com