| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SC200-11-R Datasheet
# Example questions:
➢ What is the accuracy specification for a thermocouple input, and how does it differ for thermocouple types b, r, s, c, and pr?
➢ What are the acceptable load resistance ranges for the current output (mv1, mv2) and voltage output (ao1, ao2)?
➢ List them.
1. General Information
️· Model: SC200
️· Type: Programmable Data Acquisition and Control Unit
️· Mounting: Panel flush mounting, available in various depths (250mm, 300mm, 400mm)
️· Weight: Varies by depth (approx. 1.8-2.5 kg)
2. Input Capabilities
️· DC Input: Accuracy ±0.1% ±1 digit
️· Thermocouple Input: Usable/Conformance ranges defined (see Table 1), Accuracy ±1°C ±1 digit (some types ±2°C ±1 digit).
️· RTD Input: Usable/Conformance ranges defined (see Table 2), Accuracy ±1°C ±1 digit
️· Potentiometer Input: Accuracy ±0.2% ±1 digit
️· Precision Resistor Module (REM4): ±0.1%
️· Cold Junction Compensation: ±2°C at 25°C ±10°C (some types ±4°C)
️· Temperature Coefficient: ±0.015%/°C
3. Output Capabilities
️· Current Output: 4-20 mA DC, Load Resistance ≤ 600 Ω
️· Voltage Output: 1-5 V DC, Load Resistance ≥ 10 kΩ
️· Discrete Outputs (Relays):
- Mv1, Mv2: Relay contacts, rated 250V AC @1A or 30V DC @1A.
- Do1-Do5, RUN (Do6): Photo MOSFET relays, 200V AC/DC @ 0.5A (resistive load), 2.1 Ohm ON resistance, ≤ 5ms ON delay.
️· Calendar Clock: Monthly deviation 3 minutes at 25°C
️· RAM Memory Duration (Hot Start): 10 minutes in power failure
4. Electrical Specifications
️· Power Input:
- AC: ≤ 25 VA @ 100V AC, ≤ 40 VA @ 240V AC
- DC: ≤ 650 mA
️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
️· Dielectric Strength: Various voltages specified for different combinations of inputs/outputs.
️· Line Voltage Effect: ±0.1% over voltage range
5. Environmental Specifications
️· Operating Temperature: -5 to +55°C (23 to 131°F)
️· Operating Humidity: 5 to 90% RH (non-condensing)
6. Standards and Approvals
️· EU Conformity: EMC, Low Voltage, RoHS directives.
️· Measurement Category: II
️· Pollution Degree: 2
️· Insulation Levels: Specified for power and contact output.
Key Features & Modules:
️· REM4: Precision resistor module.
️· Photo MOSFET Relays: Fast switching discrete outputs.
️· Calendar Clock: For time-based control and data logging.
This summary provides a comprehensive overview of the SC200's features and capabilities. Do you have any specific questions about a particular aspect of the device you're interested in?
1. General Information
️· Model: SC200
️· Type: Programmable Data Acquisition and Control Unit
️· Mounting: Panel flush mounting, available in various depths (250mm, 300mm, 400mm)
️· Weight: Varies by depth (approx. 1.8-2.5 kg)
2. Input Capabilities
️· DC Input: Accuracy ±0.1% ±1 digit
️· Thermocouple Input: Usable/Conformance ranges defined (see Table 1), Accuracy ±1°C ±1 digit (some types ±2°C ±1 digit).
️· RTD Input: Usable/Conformance ranges defined (see Table 2), Accuracy ±1°C ±1 digit
️· Potentiometer Input: Accuracy ±0.2% ±1 digit
️· Precision Resistor Module (REM4): ±0.1%
️· Cold Junction Compensation: ±2°C at 25°C ±10°C (some types ±4°C)
️· Temperature Coefficient: ±0.015%/°C
3. Output Capabilities
️· Current Output: 4-20 mA DC, Load Resistance ≤ 600 Ω
️· Voltage Output: 1-5 V DC, Load Resistance ≥ 10 kΩ
️· Discrete Outputs (Relays):
- Mv1, Mv2: Relay contacts, rated 250V AC @1A or 30V DC @1A.
- Do1-Do5, RUN (Do6): Photo MOSFET relays, 200V AC/DC @ 0.5A (resistive load), 2.1 Ohm ON resistance, ≤ 5ms ON delay.
️· Calendar Clock: Monthly deviation 3 minutes at 25°C
️· RAM Memory Duration (Hot Start): 10 minutes in power failure
4. Electrical Specifications
️· Power Input:
- AC: ≤ 25 VA @ 100V AC, ≤ 40 VA @ 240V AC
- DC: ≤ 650 mA
️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
️· Dielectric Strength: Various voltages specified for different combinations of inputs/outputs.
️· Line Voltage Effect: ±0.1% over voltage range
5. Environmental Specifications
️· Operating Temperature: -5 to +55°C (23 to 131°F)
️· Operating Humidity: 5 to 90% RH (non-condensing)
6. Standards and Approvals
️· EU Conformity: EMC, Low Voltage, RoHS directives.
️· Measurement Category: II
️· Pollution Degree: 2
️· Insulation Levels: Specified for power and contact output.
Key Features & Modules:
️· REM4: Precision resistor module.
️· Photo MOSFET Relays: Fast switching discrete outputs.
️· Calendar Clock: For time-based control and data logging.
This summary provides a comprehensive overview of the SC200's features and capabilities. Do you have any specific questions about a particular aspect of the device you're interested in?
| Part No. | SC200-11-R |
| Manufacturer | MSYSTEM |
| Size | 530 Kbytes |
| Pages | 12 pages |
| Description | Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER |