| データシートサーチシステム |
|
SC200-11-R データシート(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC200-11-R データシート(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 12 page ![]() MODEL: SC200 SC200 SPECIFICATIONS ES-6338 Rev.17 Page 6/12 http://www.m-system.co.jp/ EXTERNAL VIEW Auto/Man 1 2 3 4 5 6 3 4 5 6 1 7 Auto/Man 1. TFT Color LCD with touch panel Provides operation and engineering views to facilitate monitoring and setting 2. Infrared communication port Used to communicate with PC via IRDA Communication Adaptor (model: COP-IRDA) to program and change parameters using Loop Configuration Builder Software (model: SFEW3E) or PC Configurator Software (model: SCCFG) 3. MV value (DOWN) button 4. Acceleration button (Accelerates MV signal’s changing speed by pressing simultaneously with MV value button) 5. MV value (UP) button 6. Auto / Man selector (changes the control mode for MV output) 7. Configurator jack and cap Connects with a PC where Loop Configuration Builder Software (model: SFEW3E) or PC configurator software (model: SCCFG) is installed via a PC configurator cable (model: COP-US) and enables programming and parameter setting ■ CONTROL MODULE FRONT VIEW • Infrared communication type • Stereo jack type COMMUNICATION CABLE CONNECTIONS SML SML This unit *1 *1 T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 ■ Modbus-RTU ■ NestBus R2K-1 This unit This unit RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. Install shield cables to all sections and ground them at single point. *2 FG *2 FG RS-485 T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 |