データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-362-040-000 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 750-362-040-000 Datasheet

  • # Example questions: ➢ What cable gauge (awg) is specified for item number 750-978/000-021?
    ➢ What are the different color options available for the mini-wsb marking cards?
    ➢ What ip rating do the ethernet rj-45 connectors (item number 750-975) have?

  • Part No.750-362-040-000
    ManufacturerWAGO
    Size530 Kbytes
    Pages12 pages
    DescriptionFieldbus Coupler Modbus TCP; 4th generation; Extreme
    Datasheet Summary with AI

    # WAGO 750-362/040-000 Modbus TCP Fieldbus Coupler

    ## Overview
    ️· Connects ETHERNET to the WAGO I/O System.
    ️· Automatically configures, creating a local process image (analog, digital, specialty modules).
    ️· Supports line topology with two ETHERNET interfaces and integrated switch.
    ️· IP address configuration via DIP switch (DHCP, BootP, static).
    ️· Supports Modbus networks and standard ETHERNET protocols (HTTP(S), DHCP, DNS, SNMP, FTP).
    ️· Features an integrated web server for configuration and status.
    ️· Designed for harsh environments (extended temperature range, vibration/shock resistance, immunity to interference).

    ## Technical Specifications
    ️· Communication: Modbus (TCP, UDP)
    ️· ETHERNET Protocols: HTTP(S), BootP, DHCP, DNS, SNTP, FTP(S), SNMP
    ️· Baud Rate: 10/100 Mbit/s
    ️· Transmission Medium: Twisted Pair S-UTP (Cat. 5, max 100m)
    ️· Modules per Node: 64
    ️· Process Image: 1020 words (input/output)
    ️· Supply Voltage: 24 VDC (via CAGE CLAMP® connector)
    ️· Power Consumption: 350mA (5V system supply), 700mA (total)
    ️· Operating Temperature: -40 to +70 °C
    ️· Protection Type: IP20

    ## Connections
    ️· Communication/Fieldbus: 2 x RJ-45 (Modbus TCP/UDP)
    ️· System Supply: 2 x CAGE CLAMP®
    ️· Configuration: 1 x 4-pole male connector
    ️· Wire Gauge: 0.25 - 1.5 mm² / 24 - 16 AWG

    ## Physical Dimensions
    ️· Width: 49.5 mm (1.949 inch)
    ️· Height: 96.8 mm (3.811 inch)
    ️· Depth: 71.9 mm (2.831 inch)
    ️· Mounting: DIN-35 rail

    ## Accessories
    ️· Carrier Rails: Steel, Copper, Aluminum (various types)
    ️· Bluetooth Adapter
    ️· Configuration Cables: USB
    ️· System Housings: IP65 enclosures (sheet steel, aluminum, polyester)
    ️· Markers: Mini-WSB Inline/Card (various colors)
    ️· Shield Clamping Saddles: Various sizes

    # WAGO 750-362/040-000 Modbus TCP Fieldbus Coupler

    ## Overview
    ️· Connects ETHERNET to the WAGO I/O System.
    ️· Automatically configures, creating a local process image (analog, digital, specialty modules).
    ️· Supports line topology with two ETHERNET interfaces and integrated switch.
    ️· IP address configuration via DIP switch (DHCP, BootP, static).
    ️· Supports Modbus networks and standard ETHERNET protocols (HTTP(S), DHCP, DNS, SNMP, FTP).
    ️· Features an integrated web server for configuration and status.
    ️· Designed for harsh environments (extended temperature range, vibration/shock resistance, immunity to interference).

    ## Technical Specifications
    ️· Communication: Modbus (TCP, UDP)
    ️· ETHERNET Protocols: HTTP(S), BootP, DHCP, DNS, SNTP, FTP(S), SNMP
    ️· Baud Rate: 10/100 Mbit/s
    ️· Transmission Medium: Twisted Pair S-UTP (Cat. 5, max 100m)
    ️· Modules per Node: 64
    ️· Process Image: 1020 words (input/output)
    ️· Supply Voltage: 24 VDC (via CAGE CLAMP® connector)
    ️· Power Consumption: 350mA (5V system supply), 700mA (total)
    ️· Operating Temperature: -40 to +70 °C
    ️· Protection Type: IP20

    ## Connections
    ️· Communication/Fieldbus: 2 x RJ-45 (Modbus TCP/UDP)
    ️· System Supply: 2 x CAGE CLAMP®
    ️· Configuration: 1 x 4-pole male connector
    ️· Wire Gauge: 0.25 - 1.5 mm² / 24 - 16 AWG

    ## Physical Dimensions
    ️· Width: 49.5 mm (1.949 inch)
    ️· Height: 96.8 mm (3.811 inch)
    ️· Depth: 71.9 mm (2.831 inch)
    ️· Mounting: DIN-35 rail

    ## Accessories
    ️· Carrier Rails: Steel, Copper, Aluminum (various types)
    ️· Bluetooth Adapter
    ️· Configuration Cables: USB
    ️· System Housings: IP65 enclosures (sheet steel, aluminum, polyester)
    ️· Markers: Mini-WSB Inline/Card (various colors)
    ️· Shield Clamping Saddles: Various sizes

    Part No.750-362-040-000
    ManufacturerWAGO
    Size530 Kbytes
    Pages12 pages
    DescriptionFieldbus Coupler Modbus TCP; 4th generation; Extreme