データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-362-040-000 データシート(PDF) 10 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-362-040-000
部品情報  Fieldbus Coupler Modbus TCP; 4th generation; Extreme
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-362-040-000 データシート(HTML) 10 Page - WAGO Kontakttechnik GmbH & Co. KG

Back Button 750-362-040-000 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 10Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 11Page - WAGO Kontakttechnik GmbH & Co. KG 750-362-040-000 Datasheet HTML 12Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data sheet | Item number: 750-362/040-000
www.wago.com/750-362/040-000
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
31.08.2021    Page
/
10 12
Item no.: 750-979/000-022
Connector ETHERNET; RJ-45; Cat. 6A; angled; Code T568B; AWG 24; Strain relief
www.wago.com/750-979
/000-022
Item no.: 750-978/000-022
Connector ETHERNET; RJ-45; Cat. 6A; straight; Code T568B; AWG 24; Strain relief
www.wago.com/750-978
/000-022
Item no.: 750-979/000-011
Connector ETHERNET; RJ-45; Cat. 6A; angled; Code T568A; AWG 22; Strain relief
www.wago.com/750-979
/000-011
Item no.: 750-979/000-021
Connector ETHERNET; RJ-45; Cat. 6A; angled; Code T568A; AWG 24; Strain relief
www.wago.com/750-979
/000-021
Item no.: 750-977/000-011
Connector ETHERNET; RJ-45; Cat. 6A; straight; Code T568A; AWG 22
www.wago.com/750-977
/000-011
Item no.: 750-978/000-011
Connector ETHERNET; RJ-45; Cat. 6A; straight; Code T568A; AWG 22; Strain relief
www.wago.com/750-978
/000-011
Item no.: 750-977/000-022
Connector ETHERNET; RJ-45; Cat. 6A; straight; Code T568B; AWG 24
www.wago.com/750-977
/000-022
Item no.: 750-977/000-012
Connector ETHERNET; RJ-45; Cat. 6A; straight; Code T568B; AWG 22
www.wago.com/750-977
/000-012
Item no.: 750-977/000-021
Connector ETHERNET; RJ-45; Cat. 6A; straight; Code T568A; AWG 24
www.wago.com/750-977
/000-021
Shield termination
    Shield clamping saddle
Item no.: 790-116
Shield clamping saddle; 19 mm wide; diameter of compatible conductor; 7 ... 16 mm
www.wago.com/790-116
Item no.: 790-124
Shield clamping saddle; 27 mm wide; diameter of compatible conductor; 6 ... 24 mm
www.wago.com/790-124
Item no.: 790-108
Shield clamping saddle; 11 mm wide; diameter of compatible conductor; 3 ... 8 mm
www.wago.com/790-108
Item no.: 790-140
Shield clamping saddle; diameter of compatible conductor
www.wago.com/790-140
Item no.: 790-216
Shield clamping saddle; 21.8 mm wide; 6 ... 16 mm
www.wago.com/790-216
Item no.: 790-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com