データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TR0024A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TR0024A Datasheet

  • # Example questions: ➢ What is the pass bandwidth of this filter, specified in mhz?
    ➢ Within what temperature range can this filter be operated without impacting its specifications?
    ➢ What is the maximum input power this dielectric filter can handle?

  • Part No.TR0024A
    ManufacturerTAI-SAW
    Size228 Kbytes
    Pages7 pages
    DescriptionDielectric Filter BPF 1241MHz size 9.2x8.6mm (88MHzBW)
    Datasheet Summary with AI

    # TR0024A Dielectric Filter - Specifications

    ## Overview
    Dielectric filter BPF 1241MHz, size 9.2x8.6mm with 88MHz bandwidth. TST Part No.: TR0024A.

    ## Maximum Ratings
    1. Input Power: 1W
    2. DC Voltage: 0V
    3. Operating Temperature: -45°C to +85°C
    4. Storage Temperature: -45°C to +85°C
    5. Moisture Sensitivity Level: Level 3

    ## Electrical Characteristics

    | Item | Specification |
    | ------------------------ | ----------------------- |
    | Center Frequency (Fo) | 1241.0 MHz |
    | Pass Bandwidth (BW) | 1197.0 - 1285.0 MHz |
    | Insertion Loss in BW | 2.0 dB max. |
    | Ripple in BW | 0.8 dB max. |

    | VSWR | 2.0 max. |
    | Attenuation | 10.0 dB @ +100.0 MHz |
    | | 15.0 dB @ -100.0 MHz |
    | | 30.0 dB @ 1087.0 MHz |
    | Input Power | 1.0 W max |
    | Impedance | 50 Ω |
    | Operating Temperature | -40°C to +85°C |

    ## Dimensions
    Unit: mm (See datasheet for details)

    ## Packing
    1. Outer Carton: 4 Inner Cartons
    2. Inner Carton: 1 Reel
    3. Reel: 1500 pieces
    4. Carrier Tape Dimensions provided in datasheet.

    # TR0024A Dielectric Filter - Specifications

    ## Overview
    Dielectric filter BPF 1241MHz, size 9.2x8.6mm with 88MHz bandwidth. TST Part No.: TR0024A.

    ## Maximum Ratings
    1. Input Power: 1W
    2. DC Voltage: 0V
    3. Operating Temperature: -45°C to +85°C
    4. Storage Temperature: -45°C to +85°C
    5. Moisture Sensitivity Level: Level 3

    ## Electrical Characteristics

    Item Specification
    Center Frequency (Fo) 1241.0 MHz
    Pass Bandwidth (BW) 1197.0 - 1285.0 MHz
    Insertion Loss in BW 2.0 dB max.
    Ripple in BW 0.8 dB max.
    VSWR 2.0 max.
    Attenuation 10.0 dB @ +100.0 MHz
    15.0 dB @ -100.0 MHz
    30.0 dB @ 1087.0 MHz
    Input Power 1.0 W max
    Impedance 50 Ω
    Operating Temperature -40°C to +85°C

    ## Dimensions
    Unit: mm (See datasheet for details)

    ## Packing
    1. Outer Carton: 4 Inner Cartons
    2. Inner Carton: 1 Reel
    3. Reel: 1500 pieces
    4. Carrier Tape Dimensions provided in datasheet.

    Part No.TR0024A
    ManufacturerTAI-SAW
    Size228 Kbytes
    Pages7 pages
    DescriptionDielectric Filter BPF 1241MHz size 9.2x8.6mm (88MHzBW)