データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-891 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 750-891 Datasheet

  • # Example questions: ➢ Besides the pdf and html formats, what other documentation types (e.g., cad files) are available for the wago 750-891 controller?
    ➢ What are the different color options available for the wago ethernet connectors (e.g., 750-977/000-011)?
    ➢ What is the significance of the different awg (american wire gauge) values (22, 24) listed within the descriptions of the ethernet connectors, and how do they relate to wire compatibility?

  • Part No.750-891
    ManufacturerWAGO
    Size540 Kbytes
    Pages12 pages
    DescriptionController Modbus TCP; 4th generation; 2 x ETHERNET
    Datasheet Summary with AI

    # WAGO 750-891 Modbus TCP Controller

    ## Overview
    Programmable controller for use with WAGO I/O Systems within Ethernet networks. Features dual Ethernet interfaces for line topology and supports Modbus TCP/UDP, and standard Ethernet protocols.

    ## Technical Specifications
    ️· CPU: 32-bit
    ️· Program Memory: 4 MB
    ️· Data Memory: 4 MB
    ️· Non-volatile Memory: 32 KB
    ️· Max Modules/Node: 250
    ️· Process Image: 1020 Words (Input/Output)
    ️· Baud Rate: 10/100 Mbit/s
    ️· Communication: Modbus (TCP, UDP), HTTP(S), BootP, DHCP, DNS, SNTP, FTP(S), SNMP
    ️· Programming Languages: IL, LD, FBD, CFC, ST, SFC
    ️· Programming Environment: WAGO-I/O-PRO V2.3 (based on CODESYS V2.3)
    ️· Power Supply (System): 24 VDC (-25…+30%)
    ️· Power Supply (Field): 24 VDC (-25…+30%)
    ️· Indicators: LEDs for Link/Act, Node Status, I/O status, and Power Supply.
    ️· Physical Dimensions: 61.5 x 100 x 71.9 mm
    ️· Weight: 149.9g
    ️· Protection: IP20

    ## Connectivity
    ️· Ethernet: 2 x RJ-45
    ️· System Supply: 2 x CAGE CLAMP®
    ️· Field Supply: 6 x CAGE CLAMP®

    ## Features
    ️· Supports mixed analog (word-by-word) and digital (bit-by-bit) I/O modules.
    ️· Line topology with integrated switch (eliminates need for additional network devices).
    ️· Auto-negotiation and Auto-MDI(X) supported.
    ️· IP address configuration via DIP switch.
    ️· Integrated web server for configuration and status monitoring.
    ️· Multitasking capable with capacitor-backed RTC.

    ## Approvals/Certifications
    ️· ATEX, CCCEx, EAC, IECEx, UL (Hazardous Locations & Ordinary Locations)
    ️· Various Ship Approvals (ABS, BV, DNV GL, LR, PRS, RINA)
    ️· CE marking

    ## Accessories
    ️· Bluetooth adapter
    ️· Configuration cables (USB)
    ️· Shield clamping saddles
    ️· Steel/Copper Carrier Rails
    ️· Markers & Marker Carriers

    # WAGO 750-891 Modbus TCP Controller

    ## Overview
    Programmable controller for use with WAGO I/O Systems within Ethernet networks. Features dual Ethernet interfaces for line topology and supports Modbus TCP/UDP, and standard Ethernet protocols.

    ## Technical Specifications
    ️· CPU: 32-bit
    ️· Program Memory: 4 MB
    ️· Data Memory: 4 MB
    ️· Non-volatile Memory: 32 KB
    ️· Max Modules/Node: 250
    ️· Process Image: 1020 Words (Input/Output)
    ️· Baud Rate: 10/100 Mbit/s
    ️· Communication: Modbus (TCP, UDP), HTTP(S), BootP, DHCP, DNS, SNTP, FTP(S), SNMP
    ️· Programming Languages: IL, LD, FBD, CFC, ST, SFC
    ️· Programming Environment: WAGO-I/O-PRO V2.3 (based on CODESYS V2.3)
    ️· Power Supply (System): 24 VDC (-25…+30%)
    ️· Power Supply (Field): 24 VDC (-25…+30%)
    ️· Indicators: LEDs for Link/Act, Node Status, I/O status, and Power Supply.
    ️· Physical Dimensions: 61.5 x 100 x 71.9 mm
    ️· Weight: 149.9g
    ️· Protection: IP20

    ## Connectivity
    ️· Ethernet: 2 x RJ-45
    ️· System Supply: 2 x CAGE CLAMP®
    ️· Field Supply: 6 x CAGE CLAMP®

    ## Features
    ️· Supports mixed analog (word-by-word) and digital (bit-by-bit) I/O modules.
    ️· Line topology with integrated switch (eliminates need for additional network devices).
    ️· Auto-negotiation and Auto-MDI(X) supported.
    ️· IP address configuration via DIP switch.
    ️· Integrated web server for configuration and status monitoring.
    ️· Multitasking capable with capacitor-backed RTC.

    ## Approvals/Certifications
    ️· ATEX, CCCEx, EAC, IECEx, UL (Hazardous Locations & Ordinary Locations)
    ️· Various Ship Approvals (ABS, BV, DNV GL, LR, PRS, RINA)
    ️· CE marking

    ## Accessories
    ️· Bluetooth adapter
    ️· Configuration cables (USB)
    ️· Shield clamping saddles
    ️· Steel/Copper Carrier Rails
    ️· Markers & Marker Carriers

    Part No.750-891
    ManufacturerWAGO
    Size540 Kbytes
    Pages12 pages
    DescriptionController Modbus TCP; 4th generation; 2 x ETHERNET