データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-891 データシート(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-891
部品情報  Controller Modbus TCP; 4th generation; 2 x ETHERNET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-891 データシート(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  750-891 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-891 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data sheet | Item number: 750-891
www.wago.com/750-891
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
02.09.2021    Page /
2 12
Item description
The Modbus TCP Controller can be used as a programmable controller within ETHERNET networks in conjunction with the WAGO I/O System.
The controller detects all connected I/O modules and creates a local process image. This process image may include a mixed arrangement of
analog (word-by-word data transfer) and digital (bit-by-bit data transfer) modules.
Two ETHERNET interfaces and an integrated switch allow the fieldbus to be wired in a line topology, eliminating the need for additional network
devices, such as switches or hubs. Both interfaces support autonegotiation and Auto-MDI(X).
The DIP switch configures the last byte of the IP address and may be used for IP address assignment.
The controller is designed for fieldbus communication in Modbus® networks. It also supports a wide variety of standard ETHERNET protocols (e.g.,
HTTP(S), BootP, DHCP, DNS, SNTP, (S)FTP, SNMP).
An integrated Webserver provides user configuration options, while displaying the controller's status information.
The IEC 61131-3 programmable controller is multitasking-capable and features a capacitor-backed RTC.
Data
Technical data
Communication
Modbus (TCP, UDP)
ETHERNET protocols
HTTP(S)
BootP
DHCP
DNS
SNTP
FTP(S)
SNMP
Visualization
Web Visu
CPU
32 bits
Programming languages per IEC 61131-3
Instruction List (IL)
Ladder Diagram (LD)
Function Block Diagram (FBD), Continuous Function Chart (CFC)
Structured Text (ST)
Sequential Function Chart (SFC)
Programming environment
WAGO-I/O-PRO V2.3 (based on CODESYS V2.3)
Configuration options
WAGO-I/O-CHECK
Web-Based Management
CODESYS Library
Baud rate (communication/fieldbus 1)
10/100 Mbit/s
Baud rate
10/100 Mbit/s
Transmission medium (communication/fieldbus)
Twisted Pair S-UTP; 100 Ω; Cat. 5; 100 m maximum cable length
Transmission performance
Class D per EN 50173
Program memory
4 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com