データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X60008B-25 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about X60008B-25_06 Datasheet

  • # Example questions: ➢ What is the typical turn-on delay (time to stabilize) of the voltage reference, as indicated by the 'turn-on time' graph?
    ➢ What is the maximum height (a) for an so-8 package?
    ➢ What can a customer view on the intersil website to verify these certifications?

  • Part No.X60008B-25_06
    ManufacturerINTERSIL
    Size298 Kbytes
    Pages10 pages
    DescriptionPrecision 2.5V FGA??Voltage Reference
    Datasheet Summary with AI

    1. Product Overview:

    ️· Part Number: X60008B-25
    ️· Type: Voltage Reference
    ️· Function: Provides a stable, low-noise voltage reference. It's designed for precision applications.
    ️· Key Features:
    - Low Output Voltage Drift
    - Low Noise
    - Suitable for various applications (described later)

    2. Electrical Characteristics & Application Circuits (Inferred):

    ️· Input Voltage Range: 5.2V to 6.5V (several application circuits specify this range)
    ️· Output Voltage: The document doesn't explicitly state the output voltage. However, there is a "Precision 2.5V, 50mA Reference" circuit, strongly suggesting a 2.5V output.
    ️· Current Capability: Mentioned as 50mA in the 2.5V reference circuit.
    ️· Application Circuits Highlighted:
    - Precision 2.5V, 50mA Reference: Shows how to use the reference to generate a 2.5V supply at 50mA.
    - 2.5V Full Scale Low-Drift 10-bit Adjustable Voltage Source: Shows a circuit incorporating the reference for voltage source generation.

    3. Package Information:

    ️· Package Family: Small Outline Package (SO) - Several variations are detailed in the table.
    ️· Package Variations:
    - SO-8
    - SO-14
    - SO16 (0.150”)
    - SO16 (0.300”)
    - SO20
    - SO24
    - SO28
    ️· Dimensions: The table provides detailed dimensions for each package variant, including:
    - A, A1, A2 (Package Height)
    - b (Lead Width)
    - c (Lead Thickness)
    - D (Package Length)
    - E (Package Width)
    - E1 (Lead Spacing)
    - e (Lead Pitch)
    - L (Lead Length)
    - L1 (Lead Length from package Body)
    - h (Pad Height)
    - N (Number of Leads)
    ️· Standard: Dimensioning and tolerancing per ASME Y14.5M – 1994

    4. Important Notes:

    ️· Plastic or metal protrusions are not included in package dimensions.
    ️· Plastic interlead protrusions are not included in package dimensions.
    ️· Dimensions "D" and "E1" are measured at datum plane "H."

    5. Additional Information:

    ️· Intersil is an ISO9000 certified manufacturer.
    ️· Datasheet revisions and contact information are included.

    To summarize the data, the X60008B-25 is a versatile voltage reference with low noise and drift, commonly utilized to produce a 2.5V output with a 50mA current draw and is available in multiple SO packages.

    1. Product Overview:

    ️· Part Number: X60008B-25
    ️· Type: Voltage Reference
    ️· Function: Provides a stable, low-noise voltage reference. It's designed for precision applications.
    ️· Key Features:
    - Low Output Voltage Drift
    - Low Noise
    - Suitable for various applications (described later)

    2. Electrical Characteristics & Application Circuits (Inferred):

    ️· Input Voltage Range: 5.2V to 6.5V (several application circuits specify this range)
    ️· Output Voltage: The document doesn't explicitly state the output voltage. However, there is a "Precision 2.5V, 50mA Reference" circuit, strongly suggesting a 2.5V output.
    ️· Current Capability: Mentioned as 50mA in the 2.5V reference circuit.
    ️· Application Circuits Highlighted:
    - Precision 2.5V, 50mA Reference: Shows how to use the reference to generate a 2.5V supply at 50mA.
    - 2.5V Full Scale Low-Drift 10-bit Adjustable Voltage Source: Shows a circuit incorporating the reference for voltage source generation.

    3. Package Information:

    ️· Package Family: Small Outline Package (SO) - Several variations are detailed in the table.
    ️· Package Variations:
    - SO-8
    - SO-14
    - SO16 (0.150”)
    - SO16 (0.300”)
    - SO20
    - SO24
    - SO28
    ️· Dimensions: The table provides detailed dimensions for each package variant, including:
    - A, A1, A2 (Package Height)
    - b (Lead Width)
    - c (Lead Thickness)
    - D (Package Length)
    - E (Package Width)
    - E1 (Lead Spacing)
    - e (Lead Pitch)
    - L (Lead Length)
    - L1 (Lead Length from package Body)
    - h (Pad Height)
    - N (Number of Leads)
    ️· Standard: Dimensioning and tolerancing per ASME Y14.5M – 1994

    4. Important Notes:

    ️· Plastic or metal protrusions are not included in package dimensions.
    ️· Plastic interlead protrusions are not included in package dimensions.
    ️· Dimensions "D" and "E1" are measured at datum plane "H."

    5. Additional Information:

    ️· Intersil is an ISO9000 certified manufacturer.
    ️· Datasheet revisions and contact information are included.

    To summarize the data, the X60008B-25 is a versatile voltage reference with low noise and drift, commonly utilized to produce a 2.5V output with a 50mA current draw and is available in multiple SO packages.

    Part No.X60008B-25_06
    ManufacturerINTERSIL
    Size298 Kbytes
    Pages10 pages
    DescriptionPrecision 2.5V FGA??Voltage Reference