データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X60008B-25 データシート(PDF) 8 Page - Intersil Corporation

部品番号 X60008B-25
部品情報  Precision 2.5V FGA??Voltage Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008B-25 データシート(HTML) 8 Page - Intersil Corporation

Back Button X60008B-25_06 Datasheet HTML 2Page - Intersil Corporation X60008B-25_06 Datasheet HTML 3Page - Intersil Corporation X60008B-25_06 Datasheet HTML 4Page - Intersil Corporation X60008B-25_06 Datasheet HTML 5Page - Intersil Corporation X60008B-25_06 Datasheet HTML 6Page - Intersil Corporation X60008B-25_06 Datasheet HTML 7Page - Intersil Corporation X60008B-25_06 Datasheet HTML 8Page - Intersil Corporation X60008B-25_06 Datasheet HTML 9Page - Intersil Corporation X60008B-25_06 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN8140.1
May 24, 2006
load capacitances above .001µF the noise reduction
network shown in fig. 3 is recommended. This network
reduces noise sig-nificantly over the full bandwidth. As
shown in fig. 2, noise is reduced to less than 40µVp-p
from 1Hz to 1MHz using this network with a .01µF
capacitor and a 2k
Ω resistor in series with a 10µF
capacitor.
Figure 2.
Figure 3.
Turn-On Time
The X60008 devices have ultra-low supply current and
thus the time to bias up internal circuitry to final values
will be longer than with higher power references. Nor-
mal turn-on time is typically 7ms. This is shown in the
graph, Figure 4. Since devices can vary in supply cur-
rent down to 300nA, turn-on time can last up to about
12ms. Care should be taken in system design to
include this delay before measurements or conver-
sions are started.
Figure 4.
Temperature Coefficient
The limits stated for temperature coefficient (tempco)
are governed by the method of measurement. The
overwhelming standard for specifying the temperature
drift of a reference is to measure the reference voltage
at two temperatures, take the total variation, (VHIGH -
VLOW), and divide by the temperature extremes of
measurement (THIGH - TLOW). The result is divided by
the nominal reference voltage (at T = 25°C) and multi-
plied by 106 to yield ppm/°C. This is the “Box” method.
CL = 0
CL = .001µF
CL = .1µF
CL = .01µF & 10µF + 2k
Ω
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
100000
X60008-25 NOISE REDUCTION
VIN = 6.5V
VIN
VO
GND
X60008-25
.01µF
10µF
2k
Ω
.1µF
10µF
0
1
2
3
4
5
6
-1
1
3
5
7
9
690 nA
520 nA
320 nA
VIN
VOUT
X60008 TURN-ON TIME (25
°C)
TIME (mSec)
X60008B-25



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com