データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3074 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC3074 Datasheet

  • # Example questions: ➢ What is the specified storage temperature range for this 2sc3074 transistor?
    ➢ Under what conditions is the collector-emitter saturation voltage (vce(sat)) measured?
    ➢ What is the maximum continuous collector current this transistor can handle?

  • Part No.2SC3074
    ManufacturerISC
    Size321 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistor
    Datasheet Summary with AI

    # 2SC3074 Silicon NPN Power Transistor

    ## Description

    · Excellent hFE linearity
    · Low collector-emitter saturation voltage
    · Fast switching speed
    · Complementary to 2SA1244

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage 60 V
    VCEO Collector-Emitter Voltage 50 V
    VEBO Emitter-Base Voltage 5 V
    IC Collector Current-Continuous 5 A
    IB Base Current-Continuous 1 A
    PC Collector Power Dissipation 1 W
    PC @TC=25℃ Collector Power Dissipation 20 W
    TJ Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (Tc=25℃)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    BVCEO Collector-Emitter Breakdown Voltage IC=10mA; IB=0 50 -- -- V
    VCE(sat) Collector-Emitter Saturation Voltage IC=3A; IB=0.15A -- 200 400 mV
    VBE(sat) Base-Emitter Saturation Voltage IC=3A; IB=0.15A -- 0.9 1.2 V
    ICBO Collector Cutoff Current VCB=40V; IE=0 -- -- 1.0 μA
    IEBO Emitter Cutoff Current VEB=5V; IC=0 -- -- 1.0 μA
    hFE-1 DC Current Gain IC=1A; VCE=1V 70 -- 240
    hFE-2 DC Current Gain IC=3A; VCE=1V 30 -- --

    ## Classifications

    Class Class
    70-140 120-240

    ## Disclaimer

    · ISC reserves the right to change datasheet content without notification.
    · Products are intended for general electronic equipment.
    · Not designed for specialized quality/reliability equipment or hazardous environments.

    # 2SC3074 Silicon NPN Power Transistor

    ## Description

    · Excellent hFE linearity
    · Low collector-emitter saturation voltage
    · Fast switching speed
    · Complementary to 2SA1244

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage 60 V
    VCEO Collector-Emitter Voltage 50 V
    VEBO Emitter-Base Voltage 5 V
    IC Collector Current-Continuous 5 A
    IB Base Current-Continuous 1 A
    PC Collector Power Dissipation 1 W
    PC @TC=25℃ Collector Power Dissipation 20 W
    TJ Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (Tc=25℃)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    BVCEO Collector-Emitter Breakdown Voltage IC=10mA; IB=0 50 -- -- V
    VCE(sat) Collector-Emitter Saturation Voltage IC=3A; IB=0.15A -- 200 400 mV
    VBE(sat) Base-Emitter Saturation Voltage IC=3A; IB=0.15A -- 0.9 1.2 V
    ICBO Collector Cutoff Current VCB=40V; IE=0 -- -- 1.0 μA
    IEBO Emitter Cutoff Current VEB=5V; IC=0 -- -- 1.0 μA
    hFE-1 DC Current Gain IC=1A; VCE=1V 70 -- 240
    hFE-2 DC Current Gain IC=3A; VCE=1V 30 -- --

    ## Classifications

    Class Class
    70-140 120-240

    ## Disclaimer

    · ISC reserves the right to change datasheet content without notification.
    · Products are intended for general electronic equipment.
    · Not designed for specialized quality/reliability equipment or hazardous environments.

    Part No.2SC3074
    ManufacturerISC
    Size321 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistor