| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BA157PT Datasheet
# Example questions:
➢ What is the maximum allowable junction temperature for the ba157pt, ba158pt, and ba159pt rectifiers?
➢ How does the capacitive load affect the maximum current rating of these rectifiers?
➢ What is the maximum reverse recovery time for the ba159pt rectifier, and what test conditions are used to measure it?
# Fast Recovery Rectifier - BA157PT Thru BA159PT
## General Information
· Manufacturer: CHENMKO ENTERPRISE CO., LTD
· Series: BA157PT, BA158PT, BA159PT
· Package: DO-41 molded plastic body
· Weight: 0.33 gram
· Flammability: UL 94V-0
## Electrical Characteristics
|Characteristic | Symbol | BA157PT | BA158PT | BA159PT | Units |
|---|---|---|---|---|---|
|Maximum Recurrent Peak Reverse Voltage|VRRM|400|600|1000|Volts|
|Maximum RMS Voltage|VRMS|280|420|700|Volts|
|Maximum DC Blocking Voltage|VDC|400|600|1000|Volts|
|Maximum Average Forward Rectified Current (at 50°C)|IO|1.0|1.0|1.0|Amps|
|Recurrent Peak Forward Current|IFRM|9|9|9|Amps|
|Peak Forward Surge Current|IFSM|35|35|35|Amps|
|Maximum Instantaneous Forward Voltage at 1.0 A|VF|1.3|1.3|1.3|Volts|
|Reverse Current at VRRM (at 25°C)|IR|5.0|5.0|5.0|uAmps|
|Maximum Reverse Recovery Time|trr|150|150|250|nS|
|Capacitance at 1MHz|Cd|2.2|2.0|1.8|pF|
|Maximum Thermal Resistance|RJA|60|60|60|oC / W|
## Operating Conditions
· Maximum Operating Temperature Range: -65°C to +150°C
· Storage Temperature Range: -65°C to +150°C
· For capacitive loads, derate current by 20%.
## Mechanical Data
· Lead Length: 1.0 (25.4) mm MIN.
· Dimensions: Refer to datasheet figures for detailed measurements.
# Fast Recovery Rectifier - BA157PT Thru BA159PT
## General Information
· Manufacturer: CHENMKO ENTERPRISE CO., LTD
· Series: BA157PT, BA158PT, BA159PT
· Package: DO-41 molded plastic body
· Weight: 0.33 gram
· Flammability: UL 94V-0
## Electrical Characteristics
| Characteristic | Symbol | BA157PT | BA158PT | BA159PT | Units |
|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 400 | 600 | 1000 | Volts |
| Maximum RMS Voltage | VRMS | 280 | 420 | 700 | Volts |
| Maximum DC Blocking Voltage | VDC | 400 | 600 | 1000 | Volts |
| Maximum Average Forward Rectified Current (at 50°C) | IO | 1.0 | 1.0 | 1.0 | Amps |
| Recurrent Peak Forward Current | IFRM | 9 | 9 | 9 | Amps |
| Peak Forward Surge Current | IFSM | 35 | 35 | 35 | Amps |
| Maximum Instantaneous Forward Voltage at 1.0 A | VF | 1.3 | 1.3 | 1.3 | Volts |
| Reverse Current at VRRM (at 25°C) | IR | 5.0 | 5.0 | 5.0 | uAmps |
| Maximum Reverse Recovery Time | trr | 150 | 150 | 250 | nS |
| Capacitance at 1MHz | Cd | 2.2 | 2.0 | 1.8 | pF |
| Maximum Thermal Resistance | RJA | 60 | 60 | 60 | oC / W |
| Part No. | BA157PT |
| Manufacturer | CHENMKO |
| Size | 85 Kbytes |
| Pages | 2 pages |
| Description | FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere |