データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP6301-18QVF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP6301-18QVF Datasheet

  • # Example questions: ➢ What is the typical quiescent current (iq) of the lp6301 when vfb1 and vfb2 are 0v and vin1/in2 is 4.2v?
    ➢ What is the maximum allowable input voltage for the lp6301?
    ➢ What is the minimum voltage required on the enable (en) pin to turn on the channel?

  • Part No.LP6301-18QVF
    ManufacturerPOWER
    Size920 Kbytes
    Pages7 pages
    Description1.5MHz, 1.5A Step-down Converter With Soft-Start
    Datasheet Summary with AI

    # LP6301 Step-Down Converter

    ## Overview
    The LP6301 is a 1.5MHz, 1.5A, current-mode, PWM step-down converter ideal for portable devices powered by a single-cell Lithium-Ion battery. It features a synchronous rectifier for high efficiency and can operate at 100% duty cycle for low dropout applications. Available in a 2mm x 2mm TDFN-6 package.

    ## Features
    · Input Voltage: 2.5V to 5.5V
    · Output Voltage: 0.6V to VIN
    · Load Current: 1500mA
    · Efficiency: Up to 95%
    · Switching Frequency: 1.5MHz
    · Quiescent Current: < 1µA
    · Soft-start function
    · Short circuit & Thermal fault protection
    · 100% duty cycle capability
    · RoHS compliant, Pb-Free
    · Package: 2mm x 2mm TDFN-6

    ## Electrical Characteristics
    · Operating Junction Temperature: -40°C to 150°C

    · Typical Quiescent Current: 350µA
    · Shutdown Current: 1µA
    · Oscillator Frequency: 0.7 MHz
    · Startup Time: 120µs

    ## Pin Description
    · VIN: Supply Input
    · SW: Switch Mode connection to inductor
    · GND1: Ground 1
    · FB: Feedback Input (Normal voltage 0.6V)
    · EN: Enable Control Input (Drive >1.5V to turn on, <0.3V to turn off)
    · NC: No Connect

    ## Applications
    · Portable Media Players
    · Cellular & Smart mobile phones
    · PDA/DSC
    · GPS Applications

    # LP6301 Step-Down Converter

    ## Overview
    The LP6301 is a 1.5MHz, 1.5A, current-mode, PWM step-down converter ideal for portable devices powered by a single-cell Lithium-Ion battery. It features a synchronous rectifier for high efficiency and can operate at 100% duty cycle for low dropout applications. Available in a 2mm x 2mm TDFN-6 package.

    ## Features
    · Input Voltage: 2.5V to 5.5V
    · Output Voltage: 0.6V to VIN
    · Load Current: 1500mA
    · Efficiency: Up to 95%
    · Switching Frequency: 1.5MHz
    · Quiescent Current: < 1µA
    · Soft-start function
    · Short circuit & Thermal fault protection
    · 100% duty cycle capability
    · RoHS compliant, Pb-Free
    · Package: 2mm x 2mm TDFN-6

    ## Electrical Characteristics
    · Operating Junction Temperature: -40°C to 150°C
    · Typical Quiescent Current: 350µA
    · Shutdown Current: 1µA
    · Oscillator Frequency: 0.7 MHz
    · Startup Time: 120µs

    ## Pin Description
    · VIN: Supply Input
    · SW: Switch Mode connection to inductor
    · GND1: Ground 1
    · FB: Feedback Input (Normal voltage 0.6V)
    · EN: Enable Control Input (Drive >1.5V to turn on, <0.3V to turn off)
    · NC: No Connect

    ## Applications
    · Portable Media Players
    · Cellular & Smart mobile phones
    · PDA/DSC
    · GPS Applications

    Part No.LP6301-18QVF
    ManufacturerPOWER
    Size920 Kbytes
    Pages7 pages
    Description1.5MHz, 1.5A Step-down Converter With Soft-Start