| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 0877030067 Datasheet
# Example questions:
➢ How many circuits does this plug have, both loaded and maximum possible?
➢ What type of packaging is used for this product, and what does this indicate about its delivery method?
➢ What is the maximum operating temperature specified for this serial ata device plug?
# MOLEX 0877030067: Serial ATA Device Plug
## Overview & Description
️· Part Number: 0877030067
️· Status: Active
️· Overview: Serial ATA Combo Plugs and Receptacles
️· Description: 1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
️· Series: 87703
## General Specifications
️· Application: Board-to-Board
️· Product Name: Serial ATA
## Physical Characteristics
️· Circuits: 22 (Loaded and Maximum)
️· Orientation: Right Angle
️· Material - Resin: High Temperature Thermoplastic, Black
️· Material - Metal: Copper Alloy
️· Material - Plating: Mating & Termination - Gold
️· PCB Tail Length: 0.079 In (2.00 mm)
️· PCB Thickness Recommended: 0.020 In (0.50 mm)
️· Packaging: Embossed Tape on Reel
️· Pitch: 1.27 mm (.050")
️· Polarity: Polarized to Mating Part & PCB
️· Termination Interface: Surface Mount
## Electrical Specifications
️· Current - Maximum per Contact: 1.5A
️· Voltage - Maximum: 30V
## Environmental Compliance
️· RoHS: Compliant
️· REACH SVHC: No
️· Halogen-Free: Yes
## Mates With
️· Combo Receptacle 87678, 87701, 87713, 87779, 87780, 67492, 87781, 67489, 88755
## Solder Process Data
️· Max. Process Temperature: 260°C
️· Reflow Capability: SMT only
# MOLEX 0877030067: Serial ATA Device Plug
## Overview & Description
️· Part Number: 0877030067
️· Status: Active
️· Overview: Serial ATA Combo Plugs and Receptacles
️· Description: 1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
️· Series: 87703
## General Specifications
️· Application: Board-to-Board
️· Product Name: Serial ATA
## Physical Characteristics
️· Circuits: 22 (Loaded and Maximum)
️· Orientation: Right Angle
️· Material - Resin: High Temperature Thermoplastic, Black
️· Material - Metal: Copper Alloy
️· Material - Plating: Mating & Termination - Gold
️· PCB Tail Length: 0.079 In (2.00 mm)
️· PCB Thickness Recommended: 0.020 In (0.50 mm)
️· Packaging: Embossed Tape on Reel
️· Pitch: 1.27 mm (.050")
️· Polarity: Polarized to Mating Part & PCB
️· Termination Interface: Surface Mount
## Electrical Specifications
️· Current - Maximum per Contact: 1.5A
️· Voltage - Maximum: 30V
## Environmental Compliance
️· RoHS: Compliant
️· REACH SVHC: No
️· Halogen-Free: Yes
## Mates With
️· Combo Receptacle 87678, 87701, 87713, 87779, 87780, 67492, 87781, 67489, 88755
## Solder Process Data
️· Max. Process Temperature: 260°C
️· Reflow Capability: SMT only
| Part No. | 0877030067 |
| Manufacturer | MOLEX9 |
| Size | 321 Kbytes |
| Pages | 6 pages |
| Description | 1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free |