データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0877030067 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0877030067
部品情報  1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX9 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877030067 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0877030067 Datasheet HTML 1Page - Molex Electronics Ltd. 0877030067 Datasheet HTML 2Page - Molex Electronics Ltd. 0877030067 Datasheet HTML 3Page - Molex Electronics Ltd. 0877030067 Datasheet HTML 4Page - Molex Electronics Ltd. 0877030067 Datasheet HTML 5Page - Molex Electronics Ltd. 0877030067 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877030067
Status:
Active
Overview:
Serial ATA Combo Plugs and Receptacles
Description:
1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits,
Tape on Reel Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87703
Application
Board-to-Board
Overview
Serial ATA Combo Plugs and Receptacles
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Durability (mating cycles max)
500
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.020 In
PCB Thickness Recommended (mm)
0.50 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
5.08
Plating min: Mating (µm)
0.127
Plating min: Termination (µin)
5.08
Plating min: Termination (µm)
0.127
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
30V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87703Series
Mates With
Combo Receptacle 87678. 87701. 87713.
87779. 87780. 67492. 87781. 67489 Signal
Cable Recptacle. 88755 Cable Assembly.


同様の部品番号 - 0877030067

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0877030001 MOLEX9-0877030001 Datasheet
322Kb / 6P
1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tray Packaging
More results

同様の説明 - 0877030067

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0674921220 MOLEX7-0674921220 Datasheet
227Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Embossed Tape on Reel Packaging, 22 CircuitsLead Free
0674921225 MOLEX7-0674921225 Datasheet
227Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.76關m (30關") Gold (Au) Plating, Tape on Reel Packaging, 22 Circuits,Lead Free
0674921920 MOLEX7-0674921920 Datasheet
150Kb / 3P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), Gold (Au) Flash, without Cap, Embossed Tape on Reel Packaging, 22Circuits, Lead Free
0674921224 MOLEX7-0674921224 Datasheet
227Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 6.74mm (.265"), Gold (Au) Flash, Tape on Reel Packaging, 22 Circuits, Lead Free
0674921830 MOLEX7-0674921830 Datasheet
154Kb / 3P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.60mm (.220"), Gold (Au) Flash, with Cap, Embossed Tape on Reel Packaging, 22 Circuits, Lead Free
0674921820 MOLEX7-0674921820 Datasheet
155Kb / 3P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.60mm (.220"), Gold (Au) Flash, without Cap, Embossed Tape on Reel Packaging, 22Circuits, Lead Free
0782830001 MOLEX9-0782830001 Datasheet
364Kb / 7P
1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
0784480001 MOLEX9-0784480001 Datasheet
426Kb / 8P
1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tape on Reel Packaging, Lead-free
0784480011 MOLEX9-0784480011 Datasheet
426Kb / 8P
1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tray Packaging, Lead-free
0877030001 MOLEX9-0877030001 Datasheet
322Kb / 6P
1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tray Packaging
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com