データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1MD04-024-03 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 1MD04-024-03 Datasheet

  • # Example questions: ➢ What are the available ceramic options for the thermoelectric module, and which is used as standard?
    ➢ What is the maximum operating temperature for the te module?
    ➢ What options are available for customizing the terminal connections of the thermoelectric module?

  • Part No.1MD04-024-03
    ManufacturerRMT
    Size576 Kbytes
    Pages5 pages
    DescriptionThermoelectric Module
    Datasheet Summary with AI

    1. Product Overview:

    ️· Type: Thermoelectric Modules (TECs) - Used for heating, cooling, and temperature control.
    ️· Manufacturer: RMT Ltd.
    ️· Models Covered: 1MD04-024-03, 1MD04-024-05, 1MD04-024-08, 1MD04-024-10, 1MD04-024-12, 1MD04-024-15

    2. Performance Specifications (Table):

    Model ΔTmax (°C) Qmax (W) Imax (A) Vmax (V) R (Ω) H (mm) H2 (mm)
    1MD04-024-03 69 3.7 2.3 29.0 0.90 0.9 1.4
    1MD04-024-05 71 2.4 1.5 15.0 1.50 1.1 1.6
    1MD04-024-08 72 1.6 1.0 10.0 2.41 1.4 1.9
    1MD04-024-10 72 1.2 0.8 8.0 3.16 1.6 2.1
    1MD04-024-12 72 1.1 0.7 7.0 3.61 1.8 2.3
    1MD04-024-15 72 0.9 0.5 5.0 4.52 2.1 2.6

    ️· ΔTmax: Maximum temperature difference (in °C)
    ️· Qmax: Maximum heat pumping capacity (in Watts)
    ️· Imax: Maximum current (in Amps)
    ️· Vmax: Maximum voltage (in Volts)
    ️· R: Internal resistance (in Ohms)
    ️· H: Module Height (mm)
    ️· H2: Module Height with Ceramics (mm)

    Important Note: Performance data are specified at 300K in a vacuum.

    3. Material & Construction Options:

    ️· Ceramics:
    - Standard: 100% Alumina (Al2O3)
    - Other options: Alumina (96%), Aluminum Nitride (AlN)
    ️· Metallization:
    - Ni/Sn(Bi)
    - Gold plating
    ️· Solder Options (for metallization/pre-tinning):
    - 94 (PbSnBi, Tmelt = 94°C)
    - 117 (In-Sn, Tmelt = 117°C)
    - 138 (Sn-Bi, Tmelt = 138°C)
    - 183 (Pb-Sn, Tmelt = 183°C)

    4. Terminal/Wiring Options

    ️· Pre-tinned copper
    ️· Insulated wires (standard, color coded)
    ️· Wire bonding pads

    5. Installation & Handling:

    ️· Mounting: Mechanical mounting between heat exchangers is recommended.
    ️· Soldering: Modules can be soldered (RMT provides pre-tinning options).
    ️· Adhesive: Use appropriate thermally conductive adhesive for bonding.
    ️· Temperature Limits: Do not exceed 200°C for the TEC itself (assembled at 230°C).
    ️· Heat Sink: Always use a heat sink on the hot side.

    6. Customization Options:

    ️· TEC Polarity: Can be reversed.
    ️· Terminal Configuration: Options for posts or pads.
    ️· Gold Plating: Can be applied to cold-side ceramics

    7. Contact Information:

    ️· RMT Ltd. (address and contact info provided)

    1. Product Overview:

    ️· Type: Thermoelectric Modules (TECs) - Used for heating, cooling, and temperature control.
    ️· Manufacturer: RMT Ltd.
    ️· Models Covered: 1MD04-024-03, 1MD04-024-05, 1MD04-024-08, 1MD04-024-10, 1MD04-024-12, 1MD04-024-15

    2. Performance Specifications (Table):

    Model ΔTmax (°C) Qmax (W) Imax (A) Vmax (V) R (Ω) H (mm) H2 (mm)
    1MD04-024-03 69 3.7 2.3 29.0 0.90 0.9 1.4
    1MD04-024-05 71 2.4 1.5 15.0 1.50 1.1 1.6
    1MD04-024-08 72 1.6 1.0 10.0 2.41 1.4 1.9
    1MD04-024-10 72 1.2 0.8 8.0 3.16 1.6 2.1
    1MD04-024-12 72 1.1 0.7 7.0 3.61 1.8 2.3
    1MD04-024-15 72 0.9 0.5 5.0 4.52 2.1 2.6

    ️· ΔTmax: Maximum temperature difference (in °C)
    ️· Qmax: Maximum heat pumping capacity (in Watts)
    ️· Imax: Maximum current (in Amps)
    ️· Vmax: Maximum voltage (in Volts)
    ️· R: Internal resistance (in Ohms)
    ️· H: Module Height (mm)
    ️· H2: Module Height with Ceramics (mm)

    Important Note: Performance data are specified at 300K in a vacuum.

    3. Material & Construction Options:

    ️· Ceramics:
    - Standard: 100% Alumina (Al2O3)
    - Other options: Alumina (96%), Aluminum Nitride (AlN)
    ️· Metallization:
    - Ni/Sn(Bi)
    - Gold plating
    ️· Solder Options (for metallization/pre-tinning):
    - 94 (PbSnBi, Tmelt = 94°C)
    - 117 (In-Sn, Tmelt = 117°C)
    - 138 (Sn-Bi, Tmelt = 138°C)
    - 183 (Pb-Sn, Tmelt = 183°C)

    4. Terminal/Wiring Options

    ️· Pre-tinned copper
    ️· Insulated wires (standard, color coded)
    ️· Wire bonding pads

    5. Installation & Handling:

    ️· Mounting: Mechanical mounting between heat exchangers is recommended.
    ️· Soldering: Modules can be soldered (RMT provides pre-tinning options).
    ️· Adhesive: Use appropriate thermally conductive adhesive for bonding.
    ️· Temperature Limits: Do not exceed 200°C for the TEC itself (assembled at 230°C).
    ️· Heat Sink: Always use a heat sink on the hot side.

    6. Customization Options:

    ️· TEC Polarity: Can be reversed.
    ️· Terminal Configuration: Options for posts or pads.
    ️· Gold Plating: Can be applied to cold-side ceramics

    7. Contact Information:

    ️· RMT Ltd. (address and contact info provided)

    Part No.1MD04-024-03
    ManufacturerRMT
    Size576 Kbytes
    Pages5 pages
    DescriptionThermoelectric Module