データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4848 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC4848 Datasheet

  • # Example questions: ➢ How does the collector-emitter saturation voltage (vce(sat)) change with a collector current of 5a and a base current of 0.5a?
    ➢ What is the maximum collector current that the 2sc4848 can handle continuously?
    ➢ What is the typical frequency (ft) of the current-gain-bandwidth product when the emitter current is -0.5a and the collector-emitter voltage is 10v?

  • Part No.2SC4848
    ManufacturerISC
    Size251 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Power Transistor
    Datasheet Summary with AI

    # isc Silicon NPN Power Transistor 2SC4848

    ## Description

    · Low Collector Saturation Voltage: VCE(sat) = 0.6V (Max) @ IC = 5A
    · Collector-Emitter Breakdown Voltage: V(BR)CEO = 120V (Min)
    · High Switching Speed
    · Wide Area of Safe Operation

    ## Applications

    · Power amplifier and general purpose applications

    ## Absolute Maximum Ratings (Ta = 25°C)

    Symbol Parameter Value Unit
    VCBO Collector-Base Voltage 250 V
    VCEO Collector-Emitter Voltage 120 V
    VEBO Emitter-Base Voltage 12 V
    IC Collector Current (Continuous) 7 A
    ICM Collector Current (Pulse) 15 A
    PC Collector Power Dissipation (@ Ta=25°C) 2 W
    PC Collector Power Dissipation (@ TC=25°C) 40 W
    TJ Junction Temperature 150 °C
    Tstg Storage Temperature Range -55 to 150 °C

    ## Electrical Characteristics (Tc = 25°C unless noted)

    Symbol Parameter Conditions Min Typ Max Unit
    VCEX(SUS) Collector-Emitter Breakdown Voltage ICP=8A, IB1=IB2=0.5A, IC=5A, L=200μH, clamped 125 V
    VCE(sat) Collector-Emitter Saturation Voltage IC=5A, IB=0.5A 0.6 V
    VBE(sat) Base-Emitter Saturation Voltage IC=5A, IB=0.5A 1.2 V
    ICBO Collector Cutoff Current VCB=100V, IE=0 10 μA
    ICEO Collector Cutoff Current VCE=100V, IB=0, Ta=125°C 2.0 mA
    IEBO Emitter Cutoff Current VEB=12V, IC=0 10 μA
    hFE DC Current Gain IC=3A, VCE=5V 100 200
    fT Current-Gain—Bandwidth Product IE=-0.5A, VCE=10V 20 MHz
    COB Output Capacitance IE=0, VCB=10V, ftest=1.0MHz 150 pF

    ## Switching Times

    Parameter Condition Value Unit
    ton Turn-on Time IC=5A, IB1=IB2=0.5A, RL=10Ω, VCC≈50V 0.5 μs
    tstg Storage Time 2.5 μs
    tf Fall Time IC=5A, IB1=IB2=0.5A, RL=10Ω, VCC≈50V 0.5 μs

    ## Website

    · www.iscsemi.cn

    # isc Silicon NPN Power Transistor 2SC4848

    ## Description

    · Low Collector Saturation Voltage: VCE(sat) = 0.6V (Max) @ IC = 5A
    · Collector-Emitter Breakdown Voltage: V(BR)CEO = 120V (Min)
    · High Switching Speed
    · Wide Area of Safe Operation

    ## Applications

    · Power amplifier and general purpose applications

    ## Absolute Maximum Ratings (Ta = 25°C)

    Symbol Parameter Value Unit
    VCBO Collector-Base Voltage 250 V
    VCEO Collector-Emitter Voltage 120 V
    VEBO Emitter-Base Voltage 12 V
    IC Collector Current (Continuous) 7 A
    ICM Collector Current (Pulse) 15 A
    PC Collector Power Dissipation (@ Ta=25°C) 2 W
    PC Collector Power Dissipation (@ TC=25°C) 40 W
    TJ Junction Temperature 150 °C
    Tstg Storage Temperature Range -55 to 150 °C

    ## Electrical Characteristics (Tc = 25°C unless noted)

    Symbol Parameter Conditions Min Typ Max Unit
    VCEX(SUS) Collector-Emitter Breakdown Voltage ICP=8A, IB1=IB2=0.5A, IC=5A, L=200μH, clamped 125 V
    VCE(sat) Collector-Emitter Saturation Voltage IC=5A, IB=0.5A 0.6 V
    VBE(sat) Base-Emitter Saturation Voltage IC=5A, IB=0.5A 1.2 V
    ICBO Collector Cutoff Current VCB=100V, IE=0 10 μA
    ICEO Collector Cutoff Current VCE=100V, IB=0, Ta=125°C 2.0 mA
    IEBO Emitter Cutoff Current VEB=12V, IC=0 10 μA
    hFE DC Current Gain IC=3A, VCE=5V 100 200
    fT Current-Gain—Bandwidth Product IE=-0.5A, VCE=10V 20 MHz
    COB Output Capacitance IE=0, VCB=10V, ftest=1.0MHz 150 pF

    ## Switching Times

    Parameter Condition Value Unit
    ton Turn-on Time IC=5A, IB1=IB2=0.5A, RL=10Ω, VCC≈50V 0.5 μs
    tstg Storage Time 2.5 μs
    tf Fall Time IC=5A, IB1=IB2=0.5A, RL=10Ω, VCC≈50V 0.5 μs

    ## Website

    · www.iscsemi.cn

    Part No.2SC4848
    ManufacturerISC
    Size251 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Power Transistor