| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IRL80A Datasheet
# Example questions:
➢ What is the maximum allowable forward current for the irl 80 a infrared emitter?
➢ What is the typical spectral bandwidth of the emitted radiation at 50% of its maximum intensity?
➢ Within what temperature range can the irl 80 a operate and be stored safely?
# IRL 80 A - GaAs Infrared Emitter
## Features
· Type: GaAs infrared emitting diode
· Package: Clear plastic, lateral emission
· Cost: Low cost
· Stability: Long term
· Beam Angle: Wide (± 30°)
· Compatibility: Matches phototransistor LPT 80 A
## Applications
· Manufacturing and monitoring (beam interruption)
· Light barriers
## Ordering Information
· Type: IRL 80 A
· Ordering Code: Q68000-A7851
## Maximum Ratings (TA = 25°C)
· Operating/Storage Temperature: -40 to +100 °C
· Soldering Temperature: 240 °C (≥ 0.15 cm from case, 5s)
· Reverse Voltage: 3 V
· Forward Current: 60 mA
· Power Dissipation: 100 mW
· Power Dissipation Derate (TA > 25°C): 1.33 mW/°C
· Thermal Resistance: 750 K/W
## Characteristics (TA = 25°C)
· Peak Emission Wavelength: 950 nm
· Spectral Bandwidth (50% Imax): ± 20 nm
· Half Angle: ± 30 degrees
· Forward Voltage (IF = 20 mA): ≤ 1.5 V
· Radiant Intensity (IF = 20 mA): ≥ 0.4 mW/sr
## Notes
· Measurement performed with 1 cm² silicon detector aligned with mechanical axis, using an aperture.
# IRL 80 A - GaAs Infrared Emitter
## Features
· Type: GaAs infrared emitting diode
· Package: Clear plastic, lateral emission
· Cost: Low cost
· Stability: Long term
· Beam Angle: Wide (± 30°)
· Compatibility: Matches phototransistor LPT 80 A
## Applications
· Manufacturing and monitoring (beam interruption)
· Light barriers
## Ordering Information
· Type: IRL 80 A
· Ordering Code: Q68000-A7851
## Maximum Ratings (TA = 25°C)
· Operating/Storage Temperature: -40 to +100 °C
· Soldering Temperature: 240 °C (≥ 0.15 cm from case, 5s)
· Reverse Voltage: 3 V
· Forward Current: 60 mA
· Power Dissipation: 100 mW
· Power Dissipation Derate (TA > 25°C): 1.33 mW/°C
· Thermal Resistance: 750 K/W
## Characteristics (TA = 25°C)
· Peak Emission Wavelength: 950 nm
· Spectral Bandwidth (50% Imax): ± 20 nm
· Half Angle: ± 30 degrees
· Forward Voltage (IF = 20 mA): ≤ 1.5 V
· Radiant Intensity (IF = 20 mA): ≥ 0.4 mW/sr
## Notes
· Measurement performed with 1 cm² silicon detector aligned with mechanical axis, using an aperture.
| Part No. | IRL80A |
| Manufacturer | SIEMENS |
| Size | 122 Kbytes |
| Pages | 3 pages |
| Description | GaAs-Infrarot-Sendediode GaAs Infrared Emitter |