| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PVT412PBF Datasheet
# Example questions:
➢ What is the maximum steady-state control current that should not be exceeded, as indicated in the datasheet?
➢ What ambient temperature range is specified for operating and storage of this component?
➢ What moisture sensitivity level is specified for the pvt412lspbf component?
1. Overview
️· Product: PVT412 Series Solid-State Relay (SSR)
️· Function: The PVT412 series is designed for AC load switching applications. It's a photo-isolated SSR, meaning the control circuit is electrically isolated from the AC load circuit.
️· Key Features: Includes options for 'A', 'B', and 'C' connections for flexible circuit designs. Low on-resistance and high isolation.
2. Key Specifications (Important Electrical Parameters)
️· Input (Control Side):
- Control Voltage: Not explicitly stated, but implied to be relatively low DC voltage.
- Isolation Voltage (Input-Output): 4000 V RMS
- Maximum Control Current: 25 mA (Important Caution: The datasheet strongly advises limiting the control current to 25mA to avoid damage.)
️· Output (Load Side - AC):
- Voltage Rating: AC voltage, specifics depend on the variant (A, B, C connections impact the voltage and current capabilities).
- Current Rating: Dependent on variant (A, B, C).
- On-Resistance: Low, which minimizes power dissipation in the SSR.
️· Isolation:
- Input-to-Output Isolation: 4000 V RMS (critical for safety and circuit protection)
️· Environmental:
- Operating Temperature: -40°C to +85°C
- Storage Temperature: -40°C to +100°C
- RoHS Compliant: Yes (meets environmental regulations)
3. Connection Options (A, B, C)
️· The 'A', 'B', and 'C' designations represent different internal wiring configurations. These configurations affect the voltage and current capabilities of the SSR, and are important to consider when selecting the appropriate device for an application. Consult the datasheet for specific voltage and current ratings for each connection type.
4. Important Notes/Cautions
️· Control Current Limit: CRITICAL: Do not exceed 25 mA of control current. Exceeding this limit will likely damage the SSR.
️· Derating: The datasheet mentions derating the 'B' and 'C' connections at higher temperatures (+85°C). This means the current-carrying capacity is reduced.
️· Environmental: The SSR is not recommended for aerospace, military, or life-support applications.
5. Figures and Diagrams
️· Current Derating Curves: Shows how the maximum current rating changes with temperature.
️· Linearity Characteristics: Illustrates the behavior of the SSR.
️· Normalized On-Resistance: Shows the low resistance when the SSR is in the "on" state.
️· Typical Delay Times: Shows the time it takes for the SSR to switch on and off.
️· Input Characteristics (Current Controlled): Shows the current versus voltage relationship for the control input.
1. Overview
️· Product: PVT412 Series Solid-State Relay (SSR)
️· Function: The PVT412 series is designed for AC load switching applications. It's a photo-isolated SSR, meaning the control circuit is electrically isolated from the AC load circuit.
️· Key Features: Includes options for 'A', 'B', and 'C' connections for flexible circuit designs. Low on-resistance and high isolation.
2. Key Specifications (Important Electrical Parameters)
️· Input (Control Side):
- Control Voltage: Not explicitly stated, but implied to be relatively low DC voltage.
- Isolation Voltage (Input-Output): 4000 V RMS
- Maximum Control Current: 25 mA (Important Caution: The datasheet strongly advises limiting the control current to 25mA to avoid damage.)
️· Output (Load Side - AC):
- Voltage Rating: AC voltage, specifics depend on the variant (A, B, C connections impact the voltage and current capabilities).
- Current Rating: Dependent on variant (A, B, C).
- On-Resistance: Low, which minimizes power dissipation in the SSR.
️· Isolation:
- Input-to-Output Isolation: 4000 V RMS (critical for safety and circuit protection)
️· Environmental:
- Operating Temperature: -40°C to +85°C
- Storage Temperature: -40°C to +100°C
- RoHS Compliant: Yes (meets environmental regulations)
3. Connection Options (A, B, C)
️· The 'A', 'B', and 'C' designations represent different internal wiring configurations. These configurations affect the voltage and current capabilities of the SSR, and are important to consider when selecting the appropriate device for an application. Consult the datasheet for specific voltage and current ratings for each connection type.
4. Important Notes/Cautions
️· Control Current Limit: CRITICAL: Do not exceed 25 mA of control current. Exceeding this limit will likely damage the SSR.
️· Derating: The datasheet mentions derating the 'B' and 'C' connections at higher temperatures (+85°C). This means the current-carrying capacity is reduced.
️· Environmental: The SSR is not recommended for aerospace, military, or life-support applications.
5. Figures and Diagrams
️· Current Derating Curves: Shows how the maximum current rating changes with temperature.
️· Linearity Characteristics: Illustrates the behavior of the SSR.
️· Normalized On-Resistance: Shows the low resistance when the SSR is in the "on" state.
️· Typical Delay Times: Shows the time it takes for the SSR to switch on and off.
️· Input Characteristics (Current Controlled): Shows the current versus voltage relationship for the control input.
| Part No. | PVT412PBF |
| Manufacturer | IRF |
| Size | 266 Kbytes |
| Pages | 6 pages |
| Description | Bounce-free operation |