データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USRB02G-S08-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USRB02G-S08-R Datasheet

  • # Example questions: ➢ Referring to the 'typical application circuit', identify the purpose of components c1 and c what role do they play in the overall circuit function?
    ➢ Describe two of these protection features and explain how they contribute to system reliability.
    ➢ What primary benefits does the utc usrb02 offer compared to traditional flyback power supply designs?

  • Part No.USRB02G-S08-R
    ManufacturerUTC
    Size224 Kbytes
    Pages7 pages
    DescriptionHIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
    Datasheet Summary with AI

    # USRB02 Preliminary LINEAR INTEGRATED CIRCUIT

    ## HIGH PRECISION CC/CV PRIMARY SIDE SWITCH

    Description
    ️· Primary controller for charger/adapter applications.
    ️· Primary-side sensing and regulation - eliminates opto-coupler and TL431.
    ️· Operates in PFM (CC mode, large load) and PWM (frequency reduction, light/medium load).
    ️· High precision CV/CC regulation and high power efficiency.
    ️· Comprehensive protection features with auto-recovery.

    Features
    ️· ±5% constant voltage regulation.
    ️· Primary side control (no TL431 or opto-coupler).
    ️· High precision constant current regulation.
    ️· Programmable CV and CC regulation.
    ️· Eliminates loop compensation circuitry.
    ️· Flyback topology in DCM operation.
    ️· Random frequency modulation (EMI reduction).
    ️· Built-in power NPN.
    ️· Multi-mode operation for efficiency.
    ️· Programmable cable drop compensation.
    ️· Built-in leading edge blanking, primary winding/line voltage compensation.
    ️· Audio noise free operation.
    ️· Open/short/over voltage/over temperature protection.

    Ordering Information
    ️· USRB02G-S08-R: SOP-8 package, Tape Reel packing.

    Pin Configuration
    ️· 1: VDD (Power Supply)
    ️· 2: FB (Voltage Feedback)
    ️· 3: NC (No Connect)
    ️· 4: CS (Current Sense Input)
    ️· 5-6: C (Collector of Power NPN)
    ️· 7-8: GND (Ground)

    Absolute Maximum Ratings
    ️· VDD: -0.3 to 30V
    ️· C: -0.3 to 700V
    ️· CS/FB: -0.3 to 7V
    ️· TJ: -40 to 150°C
    ️· TSTG: -55 to 150°C
    ️· TOPR: 260°C (10 sec)

    Electrical Characteristics (TA=25°C, VDD=15V)
    ️· IST (Startup Current): 5-15 μA
    ️· IOP (Static Current): 0.72-1.0 mA
    ️· VTH(OFF) (Turn-off Threshold): 6.5-7.8V
    ️· VTH(ON) (Turn-on Threshold): 18.4-20.4V
    ️· VDD_OVP (VDD Over Protect): 26.5-29.5V
    ️· TLEB (LEB Time): 0.5μS
    ️· VFB (Reference Voltage): 2.475-2.525V
    ️· F_min (Minimum Frequency): 720-880 Hz
    ️· T_otp (Over Temp Protection): 165°C

    Operation Description
    ️· Startup: Low startup current; internal circuit disabled at VTH(ON).
    ️· CV Operation: Regulates output voltage via auxiliary winding feedback.
    ️· CC Operation: Maintains fixed inductance de-magnetization time; output current adjustable via Rcs.
    ️· Cable Drop Compensation: Internal offset voltage compensates for cable voltage drop.
    ️· Protection: VDD overvoltage, output overvoltage, OTP, feedback loop open, short circuit, leading edge blanking, UVLO.

    Typical Application
    ️· 5V/1A Charger/Adapter (BOM provided)

    # USRB02 Preliminary LINEAR INTEGRATED CIRCUIT

    ## HIGH PRECISION CC/CV PRIMARY SIDE SWITCH

    Description
    ️· Primary controller for charger/adapter applications.
    ️· Primary-side sensing and regulation - eliminates opto-coupler and TL431.
    ️· Operates in PFM (CC mode, large load) and PWM (frequency reduction, light/medium load).
    ️· High precision CV/CC regulation and high power efficiency.
    ️· Comprehensive protection features with auto-recovery.

    Features
    ️· ±5% constant voltage regulation.
    ️· Primary side control (no TL431 or opto-coupler).
    ️· High precision constant current regulation.
    ️· Programmable CV and CC regulation.
    ️· Eliminates loop compensation circuitry.
    ️· Flyback topology in DCM operation.
    ️· Random frequency modulation (EMI reduction).
    ️· Built-in power NPN.
    ️· Multi-mode operation for efficiency.
    ️· Programmable cable drop compensation.
    ️· Built-in leading edge blanking, primary winding/line voltage compensation.
    ️· Audio noise free operation.
    ️· Open/short/over voltage/over temperature protection.

    Ordering Information
    ️· USRB02G-S08-R: SOP-8 package, Tape Reel packing.

    Pin Configuration
    ️· 1: VDD (Power Supply)
    ️· 2: FB (Voltage Feedback)
    ️· 3: NC (No Connect)
    ️· 4: CS (Current Sense Input)
    ️· 5-6: C (Collector of Power NPN)
    ️· 7-8: GND (Ground)

    Absolute Maximum Ratings
    ️· VDD: -0.3 to 30V
    ️· C: -0.3 to 700V
    ️· CS/FB: -0.3 to 7V
    ️· TJ: -40 to 150°C
    ️· TSTG: -55 to 150°C
    ️· TOPR: 260°C (10 sec)

    Electrical Characteristics (TA=25°C, VDD=15V)
    ️· IST (Startup Current): 5-15 μA
    ️· IOP (Static Current): 0.72-1.0 mA
    ️· VTH(OFF) (Turn-off Threshold): 6.5-7.8V
    ️· VTH(ON) (Turn-on Threshold): 18.4-20.4V
    ️· VDD_OVP (VDD Over Protect): 26.5-29.5V
    ️· TLEB (LEB Time): 0.5μS
    ️· VFB (Reference Voltage): 2.475-2.525V
    ️· F_min (Minimum Frequency): 720-880 Hz
    ️· T_otp (Over Temp Protection): 165°C

    Operation Description
    ️· Startup: Low startup current; internal circuit disabled at VTH(ON).
    ️· CV Operation: Regulates output voltage via auxiliary winding feedback.
    ️· CC Operation: Maintains fixed inductance de-magnetization time; output current adjustable via Rcs.
    ️· Cable Drop Compensation: Internal offset voltage compensates for cable voltage drop.
    ️· Protection: VDD overvoltage, output overvoltage, OTP, feedback loop open, short circuit, leading edge blanking, UVLO.

    Typical Application
    ️· 5V/1A Charger/Adapter (BOM provided)

    Part No.USRB02G-S08-R
    ManufacturerUTC
    Size224 Kbytes
    Pages7 pages
    DescriptionHIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH