データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3785T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AP3785T Datasheet

  • # Example questions: ➢ How does the implementation of multiple segment peak current control (described in section 5) help to address potential audible noise issues in the power system?
    ➢ Explain how the ap3785t achieves constant current (cc) mode operation, referencing equation (2) and (3) from the document.
    ➢ What is the primary function of the auxiliary winding in the flyback converter?

  • Part No.AP3785T
    ManufacturerDIODES
    Size659 Kbytes
    Pages18 pages
    DescriptionPRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
    Datasheet Summary with AI

    1. Overview & Functionality (Flyback Converter)

    ️· Purpose: The AP3785T is designed for use in a flyback converter power supply. Flyback converters are common for isolated power supplies (providing both voltage isolation and voltage conversion).
    ️· 3-Winding Transformer: The converter uses a transformer with three windings:
    - Primary (N P ): Receives input power.
    - Secondary (N S ): Provides power to the load.
    - Auxiliary (N AUX ): Provides power to the IC itself (VCC) and generates a voltage feedback signal to the FB pin.
    ️· Isolation: The flyback topology inherently provides galvanic isolation between the input and output.

    2. Operating Modes

    ️· Constant Voltage (CV) Mode:
    - Feedback Control: The IC monitors the voltage at the auxiliary winding (using the FB pin) and regulates the output voltage.
    - Multi-Segment Peak Current Control: A key feature for noise reduction. The converter uses different peak current levels based on load:
    ■ V CS_H: High load
    ■ V CS_M: Medium Load
    ■ V CS_L: Light Load
    - Segmented Frequency: The switching frequency changes based on the load and current segment to maintain efficiency and reduce noise.
    ️· Constant Current (CC) Mode:
    - Fixed Duty Cycle: Maintains a fixed relationship between the on-time and off-time of the switching element.
    - Output Current Control: Provides a constant output current.
    - Peak Current Sensing: Uses current reference V CS_H
    ️· No Load/Ultra Light Load (NL) Mode: Specific operation for very light loads, details of which are briefly mentioned but not elaborated.

    3. Key Control Strategies & Parameters

    ️· Peak Current Sensing:
    - The primary current (ip(t)) is sensed using a current sense resistor (R CS).
    - The peak current (I PK) is proportional to the input voltage (V IN), the inductance (L), and the sense resistor value.
    ️· Output Voltage Regulation (CV Mode):
    - The auxiliary winding voltage (V AUX) is monitored via the FB pin.
    - The control loop adjusts the peak current to maintain the desired output voltage.
    ️· Switching Frequency Adjustment:
    - The IC adjusts the switching frequency to optimize efficiency and reduce noise based on the peak current segment selected.
    ️· Duty Cycle Control (CC Mode):
    - The duty cycle (tON/tOFF) is fixed to maintain a constant output current.

    4. Equations (Key Relationships)

    ️· Peak Current: `I PK = (V IN * t) / L`
    ️· Output Voltage Regulation: `V AUX = N AUX * (V OUT + Vd) / N S`
    ️· Duty Cycle (CC Mode): `tON / tOFF = constant`
    ️· Energy Stored in Magnetizing Inductance: `Eg = (1/2) * L * I^2`

    Key takeaways:

    ️· The AP3785T is a versatile controller for flyback converters.
    ️· The multi-segment current control and adjustable switching frequency are crucial for efficient and low-noise operation across a wide range of load conditions.
    ️· The controller provides both constant voltage and constant current modes, expanding its application versatility.

    1. Overview & Functionality (Flyback Converter)

    ️· Purpose: The AP3785T is designed for use in a flyback converter power supply. Flyback converters are common for isolated power supplies (providing both voltage isolation and voltage conversion).
    ️· 3-Winding Transformer: The converter uses a transformer with three windings:
    - Primary (N P ): Receives input power.
    - Secondary (N S ): Provides power to the load.
    - Auxiliary (N AUX ): Provides power to the IC itself (VCC) and generates a voltage feedback signal to the FB pin.
    ️· Isolation: The flyback topology inherently provides galvanic isolation between the input and output.

    2. Operating Modes

    ️· Constant Voltage (CV) Mode:
    - Feedback Control: The IC monitors the voltage at the auxiliary winding (using the FB pin) and regulates the output voltage.
    - Multi-Segment Peak Current Control: A key feature for noise reduction. The converter uses different peak current levels based on load:
    ■ V CS_H: High load
    ■ V CS_M: Medium Load
    ■ V CS_L: Light Load
    - Segmented Frequency: The switching frequency changes based on the load and current segment to maintain efficiency and reduce noise.
    ️· Constant Current (CC) Mode:
    - Fixed Duty Cycle: Maintains a fixed relationship between the on-time and off-time of the switching element.
    - Output Current Control: Provides a constant output current.
    - Peak Current Sensing: Uses current reference V CS_H
    ️· No Load/Ultra Light Load (NL) Mode: Specific operation for very light loads, details of which are briefly mentioned but not elaborated.

    3. Key Control Strategies & Parameters

    ️· Peak Current Sensing:
    - The primary current (ip(t)) is sensed using a current sense resistor (R CS).
    - The peak current (I PK) is proportional to the input voltage (V IN), the inductance (L), and the sense resistor value.
    ️· Output Voltage Regulation (CV Mode):
    - The auxiliary winding voltage (V AUX) is monitored via the FB pin.
    - The control loop adjusts the peak current to maintain the desired output voltage.
    ️· Switching Frequency Adjustment:
    - The IC adjusts the switching frequency to optimize efficiency and reduce noise based on the peak current segment selected.
    ️· Duty Cycle Control (CC Mode):
    - The duty cycle (tON/tOFF) is fixed to maintain a constant output current.

    4. Equations (Key Relationships)

    ️· Peak Current: `I PK = (V IN * t) / L`
    ️· Output Voltage Regulation: `V AUX = N AUX * (V OUT + Vd) / N S`
    ️· Duty Cycle (CC Mode): `tON / tOFF = constant`
    ️· Energy Stored in Magnetizing Inductance: `Eg = (1/2) * L * I^2`

    Key takeaways:

    ️· The AP3785T is a versatile controller for flyback converters.
    ️· The multi-segment current control and adjustable switching frequency are crucial for efficient and low-noise operation across a wide range of load conditions.
    ️· The controller provides both constant voltage and constant current modes, expanding its application versatility.

    Part No.AP3785T
    ManufacturerDIODES
    Size659 Kbytes
    Pages18 pages
    DescriptionPRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER