データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3785T データシート(PDF) 6 Page - Diodes Incorporated

部品番号 AP3785T
部品情報  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T データシート(HTML) 6 Page - Diodes Incorporated

Back Button AP3785T Datasheet HTML 2Page - Diodes Incorporated AP3785T Datasheet HTML 3Page - Diodes Incorporated AP3785T Datasheet HTML 4Page - Diodes Incorporated AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated AP3785T Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
6 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Electrical Characteristics (Cont.) (@V
CC=15V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
OPERATING FREQUENCY SECTION (NL MODE TO FULL LOAD)
fS(MAX)
The Maximum Operating Frequency
100% full load
80
kHz
tsample_H
Sample Time
40% to 100% full load
4.8
5.2
5.7
s
tsample_L
NL Mode to 8% full load
2.4
2.7
3.0
s
OPERATING FREQUENCY SECTION (NL MODE)
VCBC(EN)
CBC Pin Voltage to Enter NL Mode
55
60
65
mV
tOFF(EN)
Off Time to Enter NL Mode
From the end of tONS
168
224
280
s
tOFF(EX)
Off Time to Exit NL Mode
From the end of tONS
168
224
280
s
FREQUENCY JITTER
ΔV
CS/VCS
VCS Modulation
NL to full load
4.5
5
5.5
%
fMOD
VCS Modulation Frequency
1.8
2
2.2
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Threshold
Voltage
40% to 100% full load
537
565
593
mV
VCS_L
0% to 8% full load
243
255
267
mV
RLINE
Built-in Line Compensation Resistor
(Note 8)
108
120
132

tLEB
Leading Edge Blanking
400
625
850
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Threshold Voltage
Closed loop test of VOUT
2.45
2.50
2.55
V
VCBC(MAX)
Maximum CBC Voltage for Cable
Compensation
1.4
1.45
1.5
V
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction
Duty
Tested @ VFB=2V
4/8
–
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-on
From the end of tONS
20
27
34
s
DYNAMIC SECTION
VTRIGGER
Trigger Voltage for Dynamic
Function
40
62.5
85
mV
tDELAY
Delay Time for Dynamic
Function
From the end of tONS
99
127
155
s
VUV_H
Under Voltage of FB Pin for VCS_H
2.23
2.27
2.32
V
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection at FB Pin
3.5
3.75
4
V
VCC(OVP)
Over Voltage Protection at VCC Pin
27
28.5
30
V
tONP(MAX)
Maximum Turn-on Time
14
18
22
s
tOFF(MAX)
Maximum Off Time
11
14
17
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com