| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA060W-700B Datasheet
# Example questions:
➢ What color wire should be connected to the dim+ terminal for dimming functionality?
➢ What are the operating temperature and humidity ranges for reliable performance of the pda060w?
➢ What is the maximum leakage current allowed for this led driver?
# 60W Dimmable Constant Current LED Driver - PDA060W
## Features
️· IP67 Waterproof Rating
️· OVP, OCP, Over-Load & Short-Circuit Protection
️· >0.9 Power Factor Correction
️· 0-10V & Resistive Dimming
️· UL 8750 Compliant
️· THD <20%
️· Input Voltage: 90-305VAC
️· Class 2 (except 700mA model)
## Applications
️· Downlights
️· Area Lights
️· Architectural Lighting
## Mechanical Characteristics
️· Length: 162.5mm (6.39in)
️· Width: 43mm (1.69in)
️· Height: 32mm (1.26in)
## Output Specifications
| Model | DC Output Voltage (Min-Max) | Output Current (Max) | Output Power (Max) |
|---|---|---|---|
| PDA060W-700B | 60V - 86V | 700mA | 60W |
| PDA060W-1A0B | 39V - 56V | 1070mA | 60W |
| PDA060W-1A4B | 30V - 43V | 1400mA | 60W |
| PDA060W-1A6B | 26V - 38V | 1600mA | 60W |
| PDA060W-2A0B | 21V - 30V | 2000mA | 60W |
# 60W Dimmable Constant Current LED Driver - PDA060W
## Features
️· IP67 Waterproof Rating
️· OVP, OCP, Over-Load & Short-Circuit Protection
️· >0.9 Power Factor Correction
️· 0-10V & Resistive Dimming
️· UL 8750 Compliant
️· THD <20%
️· Input Voltage: 90-305VAC
️· Class 2 (except 700mA model)
## Applications
️· Downlights
️· Area Lights
️· Architectural Lighting
## Mechanical Characteristics
️· Length: 162.5mm (6.39in)
️· Width: 43mm (1.69in)
️· Height: 32mm (1.26in)
## Output Specifications
| Model | DC Output Voltage (Min-Max) | Output Current (Max) | Output Power (Max) |
|---|---|---|---|
| PDA060W-700B | 60V - 86V | 700mA | 60W |
| PDA060W-1A0B | 39V - 56V | 1070mA | 60W |
| PDA060W-1A4B | 30V - 43V | 1400mA | 60W |
| PDA060W-1A6B | 26V - 38V | 1600mA | 60W |
| PDA060W-2A0B | 21V - 30V | 2000mA | 60W |
| Part No. | PDA060W-700B |
| Manufacturer | PHIHONG |
| Size | 216 Kbytes |
| Pages | 4 pages |
| Description | 60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming |