データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDA060W-700B データシート(PDF) 1 Page - Phihong USA Inc.

部品番号 PDA060W-700B
部品情報  60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHIHONG [Phihong USA Inc.]
ホームページ  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA060W-700B データシート(HTML) 1 Page - Phihong USA Inc.

  PDA060W-700B Datasheet HTML 1Page - Phihong USA Inc. PDA060W-700B Datasheet HTML 2Page - Phihong USA Inc. PDA060W-700B Datasheet HTML 3Page - Phihong USA Inc. PDA060W-700B Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revised 7/24/2014
WWW.PHIHONG.COM
60W Dimmable Constant Current LED Driver
PDA060W Waterproof LED Driver with 0-10V Dimming
Features
 IP67 Rating - waterproof
 Class 2 per UL1310 (except 700mA model)
 OVP, OCP, Over-Load and Short-Circuit
Protection
 THD <20%
 UL 8750 Compliant
 >0.9 Power Factor Correction
 0-10V and Resistive Dimming
 Brownout/Brownout Recovery
 90 to 305VAC Input Voltage Range
Applications
 Down lights
 Area Lights
 Architectural lighting
Safety Approvals (Pending)
 cUL/UL
Mechanical Characteristics
 Length: 162.5mm (6.39in)
 Height: 32mm (1.26in)
 Width: 43mm (1.69in)
 Weight: N/A
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Voltage
Output
Current
Output
Power
Min.
Typ.
Max.
PDA060W-700B
60V
-
86V
700mA
60W
PDA060W-1A0B
39V
-
56V
1070mA
60W
PDA060W-1A4B
30V
-
43V
1400mA
60W
PDA060W-1A6B
26V
-
38V
1600mA
60W
PDA060W-2A0B
21V
-
30V
2000mA
60W


同様の部品番号 - PDA060W-700B

メーカー部品番号データシート部品情報
logo
Phihong USA Inc.
PDA060B-1A0B PHIHONG-PDA060B-1A0B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-1A4B PHIHONG-PDA060B-1A4B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-1A6B PHIHONG-PDA060B-1A6B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA060B-2A0B PHIHONG-PDA060B-2A0B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results

同様の説明 - PDA060W-700B

メーカー部品番号データシート部品情報
logo
Phihong USA Inc.
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
60W Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com