データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2512A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM2512A_15 Datasheet

  • # Example questions: ➢ What are the minimum and maximum values for the pclk duty cycle?
    ➢ What is the minimum scl frequency for a spi write operation and what is the minimum spi hold time (th1)?
    ➢ What is the maximum pixel clock frequency supported for a 3 md lane configuration, as specified in the 'recommended input timing requirements' section?

  • Part No.LM2512A_15
    ManufacturerTI1
    Size1Mb
    Pages28 pages
    DescriptionMobile Pixel Link RGB Display Interface Serializer
    Datasheet Summary with AI

    # LM2512A Mobile Pixel Link Serializer

    ## Features & Description

    ️· Function: 24-bit RGB to 18-bit Ditherer & Serializer for Mobile Pixel Link (MPL-1)
    ️· Supports: Up to 640x480 VGA resolution.
    ️· Optional: 24-to-18-bit dithering & Look Up Table (LUT) for color correction.
    ️· Interface: LVCMOS input, MPL serial output (3 or 4 active signals)
    ️· Benefits: Low power, small size, level translation.

    ## Pin Descriptions

    ️· RGB Input: R[7:0], G[7:0], B[7:0]
    ️· Control Signals: VS, HS, DE, PCLK
    ️· MPL Output: MD[2:0], MC
    ️· SPI Interface: SPI_CSX, SPI_SCL, SPI_SDA
    ️· Power/Ground: VDD, VDDIO, VSSA, VSS.

    ## Electrical Characteristics

    ️· Supply Voltage: 1.6V to 2.0V (core), 1.6V to 3.0V (I/O)
    ️· Total Supply Current: Varies based on configuration (see datasheet).
    ️· Operating Temperature: -30°C to 85°C

    ## Timing Parameters

    ️· PCLK Frequency: 7.5 MHz to 22.5 MHz (4X mode), 5 MHz to 15 MHz (6X mode)
    ️· SPI Interface: Specific timing requirements for clock and data lines.

    ## Functional Overview

    ️· Dithering: Reduces color depth from 24-bit to 18-bit using stochastic dithering.
    ️· LUT: Allows independent color correction through a 3 x 256 x 8-bit RAM.
    ️· SPI Control: Used for loading LUT data & configuring the serializer.
    ️· MPL Interface: Supports single-ended current-mode transmission.

    # LM2512A Mobile Pixel Link Serializer

    ## Features & Description

    ️· Function: 24-bit RGB to 18-bit Ditherer & Serializer for Mobile Pixel Link (MPL-1)
    ️· Supports: Up to 640x480 VGA resolution.
    ️· Optional: 24-to-18-bit dithering & Look Up Table (LUT) for color correction.
    ️· Interface: LVCMOS input, MPL serial output (3 or 4 active signals)
    ️· Benefits: Low power, small size, level translation.

    ## Pin Descriptions

    ️· RGB Input: R[7:0], G[7:0], B[7:0]
    ️· Control Signals: VS, HS, DE, PCLK
    ️· MPL Output: MD[2:0], MC
    ️· SPI Interface: SPI_CSX, SPI_SCL, SPI_SDA
    ️· Power/Ground: VDD, VDDIO, VSSA, VSS.

    ## Electrical Characteristics

    ️· Supply Voltage: 1.6V to 2.0V (core), 1.6V to 3.0V (I/O)
    ️· Total Supply Current: Varies based on configuration (see datasheet).
    ️· Operating Temperature: -30°C to 85°C

    ## Timing Parameters

    ️· PCLK Frequency: 7.5 MHz to 22.5 MHz (4X mode), 5 MHz to 15 MHz (6X mode)
    ️· SPI Interface: Specific timing requirements for clock and data lines.

    ## Functional Overview

    ️· Dithering: Reduces color depth from 24-bit to 18-bit using stochastic dithering.
    ️· LUT: Allows independent color correction through a 3 x 256 x 8-bit RAM.
    ️· SPI Control: Used for loading LUT data & configuring the serializer.
    ️· MPL Interface: Supports single-ended current-mode transmission.

    Part No.LM2512A_15
    ManufacturerTI1
    Size1Mb
    Pages28 pages
    DescriptionMobile Pixel Link RGB Display Interface Serializer