データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2512A データシート(PDF) 18 Page - Texas Instruments

部品番号 LM2512A
部品情報  Mobile Pixel Link RGB Display Interface Serializer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2512A データシート(HTML) 18 Page - Texas Instruments

Back Button LM2512A_15 Datasheet HTML 14Page - Texas Instruments LM2512A_15 Datasheet HTML 15Page - Texas Instruments LM2512A_15 Datasheet HTML 16Page - Texas Instruments LM2512A_15 Datasheet HTML 17Page - Texas Instruments LM2512A_15 Datasheet HTML 18Page - Texas Instruments LM2512A_15 Datasheet HTML 19Page - Texas Instruments LM2512A_15 Datasheet HTML 20Page - Texas Instruments LM2512A_15 Datasheet HTML 21Page - Texas Instruments LM2512A_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LM2512A
SNLS269B – AUGUST 2007 – REVISED MAY 2013
www.ti.com
When using the auto power down mode, the PD* input needs to be held High. When the PCLK is held static, the
SER will detect this condition and power down. When the PCLK is restarted, the SER powers up, The DES is
calibrated, and the PLL locks to the incoming clock signal. Once this is complete, video data transmission can
occur. See Figure 3, Figure 4, and Figure 9. The stopping of the pixel clock should be done cleanly. The
minimum clock stop gap should be at least 4 PCLK cycles wide. Floating of the PCLK input pin is not
recommended. Consult the MPL DES datasheet to determine requirements that the DES requires.
LM2512A vs LM2512
The following list provides the differences between the LM2512 and the enhanced LM2512A.
Increased Idata Current
Enhanced Current Matching
Enhanced MC Duty Cycle
2 MD Lane Default Configuration
Dither Off Default
LUT Default State (IDDZ)
MPL Driver Edge Rate Control Option
APPLICATION INFORMATION
SYSTEM BANDWIDTH CALCULATIONS
For a HVGA (320 X 480) application with the following assumptions: 60 Hz +/
−5% refresh rate, 10% blanking,
RGB666, and 2 MD Lanes and following calculations can be made:
Calculate PCLK - 320 X 480 X 1.1 X 60 X 1.05 = 10.6 MHz PCLK
Calculate MC rate - since the application is 2 MD lanes, PCLK X 6 is the MC rate or 63.87 MHz. Also check that
this MC rate does not exceed the MC maximum rate for the chipset.
Calculate MD rate - MPL uses both edges of the MC to send serialized data, thus data rate is 2X the MC rate, or
127.7 Mbps per MD lane in our example.
Calculate the application throughput - using 2 MD lanes, throughput is 2 X of the MD rate or 255.5 Mbps of raw
band width.
For a VGA (640 X 480) application with the following assumptions: 55 Hz +/
−5% refresh rate, 10% blanking,
RGB666, and 3 MD Lanes and following calculations can be made:
Calculate PCLK - 640 X 480 X 1.1 X 55 X 1.05 = 19.5 MHz PCLK
Calculate MC rate - since the application is 3 MD lanes, PCLK X 4 is the MC rate or 78.1 MHz. Also check that
this MC rate does not exceed the MC maximum rate for the chipset.
Calculate MD rate - MPL uses both edges of the MC to send serialized data, thus data rate is 2X the MC rate, or
156 Mbps per MD lane in our example.
Calculate the application throughput - using 3MD lanes, throughput is 3X of the MD rate or 468 Mbps of raw
band width.
SYSTEM CONSIDERATIONS
When employing the MPL SER/DES chipset in place of a parallel video bus, a few system considerations must
be taken into account. Before sending video data to the display, the SER/DES must be ready to transmit data
across the link. The MPL link must be powered up, and the PLL must be locked and the DES calibrated.
FLEX CIRCUIT RECOMMENDATIONS
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com