データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN54ALS160B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SN54ALS160B Datasheet

  • # Example questions: ➢ What is the typical propagation delay time (tplh) from the ent input to the rco output for the sn74als162b and sn74als163b?
    ➢ What is the typical input high voltage (vih) for the als series according to the provided documentation?
    ➢ What is the maximum clock frequency (fmax) for the sn74als160b and sn74als161b?

  • Part No.SN54ALS160B
    ManufacturerTI
    Size160 Kbytes
    Pages11 pages
    DescriptionSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
    Datasheet Summary with AI

    # SN54/74ALS/AS Series Synchronous Counters

    ## Overview
    These are synchronous 4-bit decade or binary counters with internal look-ahead carry for high-speed applications. They feature synchronous operation, programmable preset, and clear functions.

    ## Key Features
    ️· Counter Types: Decade (SN54/74ALS160, SN54/74AS160, SN54/74ALS162, SN54/74AS162) or 4-bit Binary (SN54/74ALS161, SN54/74AS161, SN54/74ALS163, SN54/74AS163).
    ️· Synchronous Operation: All flip-flops clock simultaneously.
    ️· Programmable Preset: Can be preset to any value between 0-9 (decade) or 0-15 (binary).
    ️· Clear Function: Asynchronous clear (SN54/74ALS160, SN54/74AS160, SN54/74ALS161, SN54/74AS161) or Synchronous Clear (SN54/74ALS162, SN54/74AS162, SN54/74ALS163, SN54/74AS163).
    ️· Internal Look-Ahead Carry: For cascading without additional gating.
    ️· Temperature Ranges:
    - SN54ALS/AS: -55°C to 125°C
    - SN74ALS/AS: 0°C to 70°C

    ## Pinout (Typical - see datasheet for specific package)
    ️· CLK: Clock Input
    ️· A, B, C, D: Data Inputs
    ️· ENT: Enable Input
    ️· ENP: Enable Input
    ️· CLR: Clear Input
    ️· LOAD: Load Input
    ️· RCO: Ripple Carry Output
    ️· Q A, Q B, Q C, Q D: Outputs

    ## Electrical Characteristics (Typical)
    ️· VCC: 4.5V – 5.5V
    ️· Input High Voltage (VIH): 2V
    ️· Output High Voltage (VOH): VCC - 2V
    ️· Maximum Clock Frequency (fMAX): 22 - 75 MHz (depending on series and conditions)

    ## Switching Characteristics (Typical)
    ️· Propagation Delay (tPLH, tPHL): 4 - 34 ns (depending on series and conditions)

    ## Packages
    ️· Various plastic and ceramic packages (D, J, N, FK) available.

    ## Applications
    ️· High-speed counters
    ️· Frequency dividers
    ️· Binary rate multipliers
    ️· Timing circuits

    # SN54/74ALS/AS Series Synchronous Counters

    ## Overview
    These are synchronous 4-bit decade or binary counters with internal look-ahead carry for high-speed applications. They feature synchronous operation, programmable preset, and clear functions.

    ## Key Features
    ️· Counter Types: Decade (SN54/74ALS160, SN54/74AS160, SN54/74ALS162, SN54/74AS162) or 4-bit Binary (SN54/74ALS161, SN54/74AS161, SN54/74ALS163, SN54/74AS163).
    ️· Synchronous Operation: All flip-flops clock simultaneously.
    ️· Programmable Preset: Can be preset to any value between 0-9 (decade) or 0-15 (binary).
    ️· Clear Function: Asynchronous clear (SN54/74ALS160, SN54/74AS160, SN54/74ALS161, SN54/74AS161) or Synchronous Clear (SN54/74ALS162, SN54/74AS162, SN54/74ALS163, SN54/74AS163).
    ️· Internal Look-Ahead Carry: For cascading without additional gating.
    ️· Temperature Ranges:
    - SN54ALS/AS: -55°C to 125°C
    - SN74ALS/AS: 0°C to 70°C

    ## Pinout (Typical - see datasheet for specific package)
    ️· CLK: Clock Input
    ️· A, B, C, D: Data Inputs
    ️· ENT: Enable Input
    ️· ENP: Enable Input
    ️· CLR: Clear Input
    ️· LOAD: Load Input
    ️· RCO: Ripple Carry Output
    ️· Q A, Q B, Q C, Q D: Outputs

    ## Electrical Characteristics (Typical)
    ️· VCC: 4.5V – 5.5V
    ️· Input High Voltage (VIH): 2V
    ️· Output High Voltage (VOH): VCC - 2V
    ️· Maximum Clock Frequency (fMAX): 22 - 75 MHz (depending on series and conditions)

    ## Switching Characteristics (Typical)
    ️· Propagation Delay (tPLH, tPHL): 4 - 34 ns (depending on series and conditions)

    ## Packages
    ️· Various plastic and ceramic packages (D, J, N, FK) available.

    ## Applications
    ️· High-speed counters
    ️· Frequency dividers
    ️· Binary rate multipliers
    ️· Timing circuits

    Part No.SN54ALS160B
    ManufacturerTI
    Size160 Kbytes
    Pages11 pages
    DescriptionSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS