データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN54ALS160B データシート(PDF) 3 Page - Texas Instruments

部品番号 SN54ALS160B
部品情報  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS160B データシート(HTML) 3 Page - Texas Instruments

  SN54ALS160B Datasheet HTML 1Page - Texas Instruments SN54ALS160B Datasheet HTML 2Page - Texas Instruments SN54ALS160B Datasheet HTML 3Page - Texas Instruments SN54ALS160B Datasheet HTML 4Page - Texas Instruments SN54ALS160B Datasheet HTML 5Page - Texas Instruments SN54ALS160B Datasheet HTML 6Page - Texas Instruments SN54ALS160B Datasheet HTML 7Page - Texas Instruments SN54ALS160B Datasheet HTML 8Page - Texas Instruments SN54ALS160B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN54ALS161B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT BINARY COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
logic symbols
9
LOAD
CLR
1
ENT
10
ENP
7
CLK
2
A
3
B
4
C
5
D
6
CTRDIV16
3CT = 15
15
RCO
QA
14
QB
13
QC
12
QD
11
5CT=0
M1
M2
G3
G4
C5/2,3,4+
1,5D [1]
[2]
[4]
[8]
[8]
[4]
[2]
[1]
1,5D
C5/2,3,4+
G4
G3
M2
M1
CT=0
11
QD
12
QC
13
QB
14
QA
RCO
15
3CT = 15
CTRDIV16
6
D
5
C
4
B
3
A
2
CLK
7
ENP
10
ENT
1
CLR
LOAD
9
’ALS161B AND ’AS161 BINARY
COUNTERS WITH DIRECT CLEAR
’ALS163B AND ’AS163 BINARY
COUNTERS WITH SYNCHRONOUS CLEAR
’ALS163B and ’AS163 logic diagram (positive logic)
10
6
D
C
5
4
B
11
QD
1D
C1
12
QC
1D
C1
C1
1D
15
RCO
QA
14
QB
13
9
LOAD
CLR
1
ENT
ENP
7
CLK
2
A
3
1D
C1
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
’ALS161B and ’AS161 synchronous binary counters are similar; however the clear is asynchronous as shown for the ’ALS160B and ’AS160 decade
counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11