データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSMB2N60 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KSMB2N60 Datasheet

  • # Example questions: ➢ What is the typical value for the gate-source threshold voltage (vgs(th)) when the drain current is 250μa?
    ➢ What is the maximum continuous drain current this mosfet can handle at a case temperature of 100°c?
    ➢ What is the thermal resistance from junction to ambient (rθja) for this mosfet?

  • Part No.KSMB2N60
    ManufacturerKERSEMI
    Size727 Kbytes
    Pages4 pages
    DescriptionGreen device available.
    Datasheet Summary with AI

    # KSMB2N60 - 600V N-channel MOSFET

    ## Description

    This N-channel MOSFET uses trench technology for excellent RDS(on) and low gate charge, suitable for various applications.

    Features:

    · Low gate charge
    · Green device available
    · Advanced high-density trench technology for ultra RDS(ON)
    · Package for good heat dissipation
    · TO-263 package

    ## Absolute Maximum Ratings (TC=25℃)

    Parameter Rating Unit
    VDS 600 V
    VGS ±20 V
    ID (Continuous, 1) 2 A
    ID (Continuous, 100℃) 1.5 A
    ID (Pulsed) 9.6 A
    EAS (Single Pulse) 140 mJ
    PD 64 W
    TJ, TSTG (Operating & Storage Junction Temp) -55 to +150

    ## Thermal Characteristics

    Parameter Rating Unit
    RƟJC (Junction to Case) 1.95 ℃/W
    RƟJA (Junction to Ambient) 62.5 ℃/W

    ## Package Marking & Ordering

    Part NO. Marking Package
    KSMB2N60 KSMB2N60 TO-263

    ## Electrical Characteristics (TC=25℃)

    Off Characteristics:

    · BVDSS (Drain-Source Breakdown Voltage): 600V
    · IDSS (Zero Gate Voltage Drain Current): ≤10 μA
    · IGSS (Gate-Source Leakage Current): ≤±100 nA

    On Characteristics:

    · VGS(th) (Gate-Source Threshold Voltage): 3.0 - 5.0 V
    · RDS(ON) (Drain-Source On Resistance): 3.7 - 4.2 Ω (VDS=10V, ID=6A)
    · GFS (Forward Transconductance): 2.45 S (VDS=5V, ID=12A)

    Dynamic Characteristics:

    · Ciss (Input Capacitance): 270 - 350 pF (VDS=15V, VGS=0V, f=1MHz)
    · Coss (Output Capacitance): 40 - 50 pF
    · Crss (Reverse Transfer Capacitance): 5 - 7 pF

    Switching Characteristics:

    · td(on) (Turn-On Delay Time): 10 - 30 ns
    · tr (Rise Time): 25 - 60 ns
    · td(off) (Turn-Off Delay Time): 20 - 50 ns
    · tf (Fall Time): 25 - 60 ns
    · Qg (Total Gate Charge): 9.0 - 11 nC

    Drain-Source Diode Characteristics:

    · VSD (Source-Drain Forward Voltage): ≤1.4 V (VGS=0V, IS=1A)
    · trr (Reverse Recovery Time): ≤180 ns
    · Qrr (Reverse Recovery Charge): ≤0.72 nC

    ## Notes

    · Data tested on a 1 inch² FR-4 board with 2OZ copper.
    · Data tested with pulse width ≤300us, duty cycle ≤2%.
    · EAS data shows maximum rating (VDD=25v, VGS=10V, L=0.1mH, iAS=17.8A).
    · Power dissipation limited by 150℃ junction temperature.

    # KSMB2N60 - 600V N-channel MOSFET

    ## Description

    This N-channel MOSFET uses trench technology for excellent RDS(on) and low gate charge, suitable for various applications.

    Features:

    · Low gate charge
    · Green device available
    · Advanced high-density trench technology for ultra RDS(ON)
    · Package for good heat dissipation
    · TO-263 package

    ## Absolute Maximum Ratings (TC=25℃)

    Parameter Rating Unit
    VDS 600 V
    VGS ±20 V
    ID (Continuous, 1) 2 A
    ID (Continuous, 100℃) 1.5 A
    ID (Pulsed) 9.6 A
    EAS (Single Pulse) 140 mJ
    PD 64 W
    TJ, TSTG (Operating & Storage Junction Temp) -55 to +150

    ## Thermal Characteristics

    Parameter Rating Unit
    RƟJC (Junction to Case) 1.95 ℃/W
    RƟJA (Junction to Ambient) 62.5 ℃/W

    ## Package Marking & Ordering

    Part NO. Marking Package
    KSMB2N60 KSMB2N60 TO-263

    ## Electrical Characteristics (TC=25℃)

    Off Characteristics:

    · BVDSS (Drain-Source Breakdown Voltage): 600V
    · IDSS (Zero Gate Voltage Drain Current): ≤10 μA
    · IGSS (Gate-Source Leakage Current): ≤±100 nA

    On Characteristics:

    · VGS(th) (Gate-Source Threshold Voltage): 3.0 - 5.0 V
    · RDS(ON) (Drain-Source On Resistance): 3.7 - 4.2 Ω (VDS=10V, ID=6A)
    · GFS (Forward Transconductance): 2.45 S (VDS=5V, ID=12A)

    Dynamic Characteristics:

    · Ciss (Input Capacitance): 270 - 350 pF (VDS=15V, VGS=0V, f=1MHz)
    · Coss (Output Capacitance): 40 - 50 pF
    · Crss (Reverse Transfer Capacitance): 5 - 7 pF

    Switching Characteristics:

    · td(on) (Turn-On Delay Time): 10 - 30 ns
    · tr (Rise Time): 25 - 60 ns
    · td(off) (Turn-Off Delay Time): 20 - 50 ns
    · tf (Fall Time): 25 - 60 ns
    · Qg (Total Gate Charge): 9.0 - 11 nC

    Drain-Source Diode Characteristics:

    · VSD (Source-Drain Forward Voltage): ≤1.4 V (VGS=0V, IS=1A)
    · trr (Reverse Recovery Time): ≤180 ns
    · Qrr (Reverse Recovery Charge): ≤0.72 nC

    ## Notes

    · Data tested on a 1 inch² FR-4 board with 2OZ copper.
    · Data tested with pulse width ≤300us, duty cycle ≤2%.
    · EAS data shows maximum rating (VDD=25v, VGS=10V, L=0.1mH, iAS=17.8A).
    · Power dissipation limited by 150℃ junction temperature.

    Part No.KSMB2N60
    ManufacturerKERSEMI
    Size727 Kbytes
    Pages4 pages
    DescriptionGreen device available.