| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AMS002-R Datasheet
# Example questions:
➢ Pin 8 is labeled 'reset_n'. what type of signal is this pin (input, output, or supply) and what is its function?
➢ What is the maximum raw data rate supported by the ams00x module?
➢ What is the recommended minimum clearance around the antenna end of the module to ensure optimal range?
Okay, here's a summary of the key information from the provided datasheet excerpts for the AMS00x module:
Core Functionality:
️· Bluetooth 4.1: The module supports Bluetooth 4.1.
️· Frequency: Operates in the 2.4 GHz band (2.400 GHz – 2.500 GHz).
️· Data Rates: Maximum raw data rate of 1 Mbit/s, with a typical application data rate of 0.27 Mbit/s.
RF Performance:
️· Transmit Power: Up to +4 dBm. Adjustable via software.
️· Receive Sensitivity: -94 dBm (typical).
️· Frequency Accuracy: ±20 ppm (when using a 24 MHz crystal).
Key Features/Interfaces:
️· SPI: Supports SPI communication (Master/Slave modes). Used for communicating with the internal serial flash.
️· I2C: Supports I2C communication.
️· GPIO: Multiple GPIO pins available for custom functionality. Some can be used for ADC, PWM, and other functions.
️· ADC/PWM: Includes ADC and PWM functionality on certain GPIO pins.
️· Programming Interface: PROG_RX and PROG_TX pins for programming/debugging.
Design Considerations:
️· PCB Layout: Critical to follow recommended PCB layout guidelines, especially regarding the antenna area. Avoid routing traces underneath the antenna and provide clearance around it. Ground fill under the module is recommended.
️· Crystal Oscillator: Requires a 24 MHz crystal for frequency stability.
️· Soldering: Reflow soldering is used for assembly.
Pinout Highlights:
️· Multiple GPIO pins for various functionalities.
️· Dedicated pins for programming and SPI communication.
️· Pins for ADC and PWM.
In essence, the AMS00x is a compact Bluetooth 4.1 module designed for integration into various embedded systems. Careful PCB layout and adherence to design guidelines are crucial for achieving optimal RF performance.
Core Functionality:
️· Bluetooth 4.1: The module supports Bluetooth 4.1.
️· Frequency: Operates in the 2.4 GHz band (2.400 GHz – 2.500 GHz).
️· Data Rates: Maximum raw data rate of 1 Mbit/s, with a typical application data rate of 0.27 Mbit/s.
RF Performance:
️· Transmit Power: Up to +4 dBm. Adjustable via software.
️· Receive Sensitivity: -94 dBm (typical).
️· Frequency Accuracy: ±20 ppm (when using a 24 MHz crystal).
Key Features/Interfaces:
️· SPI: Supports SPI communication (Master/Slave modes). Used for communicating with the internal serial flash.
️· I2C: Supports I2C communication.
️· GPIO: Multiple GPIO pins available for custom functionality. Some can be used for ADC, PWM, and other functions.
️· ADC/PWM: Includes ADC and PWM functionality on certain GPIO pins.
️· Programming Interface: PROG_RX and PROG_TX pins for programming/debugging.
Design Considerations:
️· PCB Layout: Critical to follow recommended PCB layout guidelines, especially regarding the antenna area. Avoid routing traces underneath the antenna and provide clearance around it. Ground fill under the module is recommended.
️· Crystal Oscillator: Requires a 24 MHz crystal for frequency stability.
️· Soldering: Reflow soldering is used for assembly.
Pinout Highlights:
️· Multiple GPIO pins for various functionalities.
️· Dedicated pins for programming and SPI communication.
️· Pins for ADC and PWM.
In essence, the AMS00x is a compact Bluetooth 4.1 module designed for integration into various embedded systems. Careful PCB layout and adherence to design guidelines are crucial for achieving optimal RF performance.
| Part No. | AMS002-R |
| Manufacturer | SILABS |
| Size | 1Mb |
| Pages | 29 pages |
| Description | Embedded Bluetooth Low Energy Solutions |