データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6381 データシート (PDF) - Intersil Corporation

ISL6381 Datasheet PDF - Intersil Corporation
部品番号 ISL6381
ダウンロード  ISL6381 ダウンロード
ファイルサイズ   1274.63 Kbytes
ページ   53 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 EAPP Hybrid Digital 4-Phase Green PWM Controller for Digital Power Management of Core and Memory With AUTO Phase Shedding

ISL6381 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL6381 Datasheet PDF - Intersil Corporation

部品番号 ISL6381
ダウンロード  ISL6381 Click to download

ファイルサイズ   1274.63 Kbytes
ページ   53 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 EAPP Hybrid Digital 4-Phase Green PWM Controller for Digital Power Management of Core and Memory With AUTO Phase Shedding

ISL6381 データシート (HTML) - Intersil Corporation


ISL6381 製品詳細

The ISL6381 is an EAPP Hybrid Digital 4-Phase PWM controller
and is designed to be compliant to Intel VR12.5/VR12
specifications and control the microprocessor core or memory
voltage regulator. It includes programmable functions and
telemetries for easy use, high system flexibility and
overclocking applications using SMBus, PMBus, or I2C
interface, which is designed to be conflict free with CPU’s SVID
bus. This hybrid digital approach eliminates the need of NVM
and Firmware often seen in a full digital solution and
significantly reduces design complexity, inventory and
manufacturing costs.
The ISL6381 utilizes Intersil’s proprietary Enhanced Active Pulse
Positioning (EAPP) modulation scheme to achieve the extremely
fast transient response with fewer output capacitors. The
ISL6381 accurately monitors the load current via the IMON pin
and reports this information via the IOUT register to the
microprocessor, which sends a PSI# signal to the controller at
low power mode via SVID bus. The controller enters 1- or
2-phase operation in low power mode (PSI1); in the ultra low
power mode (PSI2, PSI3), it operates in single phase with diode
emulation option. In low power modes, the magnetic core and
switching losses are significantly reduced, yielding high
efficiency at light load. After the PSI# signal is deasserted, the
dropped phase(s) are added back to sustain heavy load
transient response and efficiency. In addition, the ISL6381
features auto-phase shedding to optimize the efficiency from
light to full load for Green Environment without sacrificing the
transient performance.
Today’s microprocessors require a tightly regulated output voltage
position versus load current (droop). The ISL6381 senses the
output current continuously by measuring the voltage across a
dedicated current sense resistor or the DCR of the output
inductor. The sensed current flows out of the FB pin to develop the
precision voltage drop across the feedback resistor for droop
control. Current sensing circuits also provide the needed signals
for channel-current balancing, average overcurrent protection and
individual phase current limiting. The TM pin senses an NTC
thermistor’s temperature, which is internally digitized for thermal
monitoring and for integrated thermal compensation of the
current sense elements of the regulator.
The ISL6381 features remote voltage sensing and completely
eliminates any potential difference between remote and local
grounds. This improves regulation and protection accuracy. The
threshold-sensitive enable input is available to accurately
coordinate the start-up of the ISL6381 with other voltage rails.

Features
• Intel VR12.5/VR12 compliant
- SerialVID with programmable IMAX, TMAX, BOOT,
ADDRESS OFFSET registers
- VR12.5 core and VR12/VR12.5 memory
• Intersil’s proprietary EAPP Hybrid Digital Enhanced Active
Pulse Positioning (EAPP) Modulation Scheme (Patented)
- SMBus/PMBus/I2C interface with SVID conflict free
- NVM and firmware free for low cost and easy use
- Auto phase shedding option for greener environment
- Variable frequency control during load transients to
reduce beat frequency oscillation
- Linear control with evenly distributed PWM pulses for
better phase current balance during load transients
- Voltage feed-forward and ramp adjustable options
- High frequency and PSI compensation options
- Proprietary active phase adding and dropping with diode
emulation scheme for enhanced light load efficiency
• 1 to 4-Phase with phase doubler compatibility
• Differential remote voltage sensing
• ±0.5% closed-loop system accuracy over load, line and
temperature
• Programmable 1 or 2-phase operation in PSI1 mode
• Programmable slew rate of fast dynamic VID with Dynamic
VID Compensation (DVC)
• Droop and diode emulation options
• Precision resistor or DCR differential current sensing
- Integrated programmable current sense resistors
- Accurate load-line (droop) programming
- Accurate current monitoring and channel-current
balancing
• True Catastrophic Failure Protection (CFP)
• Average overcurrent protection and channel current limit with
internal current comparators
• Precision overcurrent protection on IMON pin
• Output voltage open sensing protection
• Protection disable option
• Accurate load-line (droop) programming
• Up to 2MHz per phase
• Thermal monitoring and integrated compensation
• Start-up into precharged load
• Pb-free (RoHS compliant)
• 40 Ld 5x5 TQFN




同様の部品番号 - ISL6381

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL6388 RENESAS-ISL6388 Datasheet
166Kb / 2P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
More results


同様の説明 - ISL6381

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
Digital Multi-Phase PWM Controller for Core-Voltage Regulation
April 2003
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
ISL68201 INTERSIL-ISL68201 Datasheet
770Kb / 32P
Single-Phase R4 Digital Hybrid PWM Controller
March 7, 2016
ISL6398 INTERSIL-ISL6398 Datasheet
1Mb / 57P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management with NVM and AUTO Phase Shedding
August 13, 2015
logo
Renesas Technology Corp
ISL6398 RENESAS-ISL6398 Datasheet
2Mb / 57P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management with NVM and AUTO Phase Shedding
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
ISL6369 RENESAS-ISL6369 Datasheet
164Kb / 2P
Green Hybrid Digital Dual Enable 61 Phase PWM Controller With SMBus/PMBus/I2C and AUTO Phase
ISL6376 RENESAS-ISL6376 Datasheet
163Kb / 2P
EAPP Hybrid Digital 6-Phase Green PWM Controller for Digital Power Management of Core and Memory With AUTO Phase Shedding
ISL6388 RENESAS-ISL6388 Datasheet
166Kb / 2P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
ISL6364A RENESAS-ISL6364A Datasheet
153Kb / 2P
Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding
April 10, 2012
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com