データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZ1235-04S データシート (PDF) - AMAZING Microelectronic Corp.

AZ1235-04S Datasheet PDF - AMAZING Microelectronic Corp.
部品番号 AZ1235-04S
ダウンロード  AZ1235-04S ダウンロード
ファイルサイズ   169.13 Kbytes
ページ   8 Pages
メーカー  AMAZING [AMAZING Microelectronic Corp.]
ホームページ  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
部品情報 Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ1235-04S Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AZ1235-04S Datasheet PDF - AMAZING Microelectronic Corp.

部品番号 AZ1235-04S
ダウンロード  AZ1235-04S Click to download

ファイルサイズ   169.13 Kbytes
ページ   8 Pages
メーカー  AMAZING [AMAZING Microelectronic Corp.]
ホームページ  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
部品情報 Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ1235-04S データシート (HTML) - AMAZING Microelectronic Corp.


AZ1235-04S 製品詳細

Features
 ESD protection for 4 high-speed I/O channels
 Protects 4 I/O lines operating up to 3.3V and below
 Protects one VDD line operating up to 5V and below
 Provide transient protection for each channel to
IEC 61000-4-2 (ESD) ±30kV (air / contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 16A (8/20μs) for any
I/O-to-GND
IEC 61000-4-5 (Lightning) 22A (8/20μs) for
VDD-to-GND
 Low capacitance: 1.7pF typical
 Fast turn-on and low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 USB2.0 interface protection
 LVDS interface protection
 LAN applications
 General purpose I/O protection
 Notebook and PC computers
Description
AZ1235-04S is a high performance design which
includes surge rated diode arrays to protect high
speed data interfaces. The AZ1235-04S has been
specifically designed to protect sensitive
components which are connected to data and
transmission lines from over-voltage caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Lightning.
AZ1235-04S is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct the
transient to either the internal ESD line or to the
ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZ1235-04S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(± 15kV air, ±8kV contact discharge).




同様の部品番号 - AZ1235-04S

メーカー部品番号データシート部品情報
logo
Alpha Wire
AZ123728 ALPHAWIRE-AZ123728 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
AZ123728 ALPHAWIRE-AZ123728 Datasheet
98Kb / 4P
Customer Specification
3/12/2023
AZ123728 ALPHAWIRE-AZ123728_V01 Datasheet
98Kb / 4P
Customer Specification
3/12/2023
More results


同様の説明 - AZ1235-04S

メーカー部品番号データシート部品情報
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC002-04S AMAZING-AZC002-04S Datasheet
187Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
AZC398-04C AMAZING-AZC398-04C Datasheet
1Mb / 6P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2014/01/28
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com