データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZC299-02S データシート (PDF) - AMAZING Microelectronic Corp.

AZC299-02S Datasheet PDF - AMAZING Microelectronic Corp.
部品番号 AZC299-02S
ダウンロード  AZC299-02S ダウンロード
ファイルサイズ   281.8 Kbytes
ページ   9 Pages
メーカー  AMAZING [AMAZING Microelectronic Corp.]
ホームページ  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
部品情報 Low Capacitance High ESD Level Protection Array For High Speed I/O Port

AZC299-02S Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AZC299-02S Datasheet PDF - AMAZING Microelectronic Corp.

部品番号 AZC299-02S
ダウンロード  AZC299-02S Click to download

ファイルサイズ   281.8 Kbytes
ページ   9 Pages
メーカー  AMAZING [AMAZING Microelectronic Corp.]
ホームページ  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
部品情報 Low Capacitance High ESD Level Protection Array For High Speed I/O Port

AZC299-02S データシート (HTML) - AMAZING Microelectronic Corp.


AZC299-02S 製品詳細

Features
 ESD Protect for 2 high-speed I/O lines and one
VDD line
 Provide ESD protection for each line to
IEC 61000-4-2,(ESD) ±16kV (contact/air)
IEC 61000-4-4 (EFT), 60A (5/50ns)
IEC 61000-4-5 (Lightning) 7A (8/20μs)
 For low operating voltage applications: 5V,
4.2V, 3.3V, 2.5V etc.
 Low capacitance : 2.1pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Back-drive protection for power-down mode
 Green Part
Applications
 USB2.0 Power and Data lines protection
 Cellular Handsets and Accessories
 Notebook and PC Computers
 SIM card
 Portable Devices
 Digital Cameras
 Touch Panels
 Ethernet port: 10/100 Mb/s
 Peripherals
Description
AZC299-02S is a design which includes ESD
rated diode arrays to protect high speed data
interfaces. The AZC299-02S has been
specifically designed to protect sensitive
components which are connected to data and
transmission lines from over-voltage caused by
Electrostatic Discharging (ESD).
AZC299-02S is a unique design which includes
ESD rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power supply line or to
ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
Besides, there is a back-drive protection design
in AZC299-02S for power-down mode operation.
AZC299-02S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




同様の部品番号 - AZC299-02S

メーカー部品番号データシート部品情報
logo
AMAZING Microelectronic...
AZC299-02R AMAZING-AZC299-02R Datasheet
221Kb / 9P
Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZC299-02R.R7G AMAZING-AZC299-02R.R7G Datasheet
221Kb / 9P
Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
More results


同様の説明 - AZC299-02S

メーカー部品番号データシート部品情報
logo
AMAZING Microelectronic...
AZ1045-04QU AMAZING-AZ1045-04QU Datasheet
386Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/11/21
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
AZ5313-02F AMAZING-AZ5313-02F Datasheet
127Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/11/17
AZC199-02S AMAZING-AZC199-02S Datasheet
148Kb / 8P
Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2016/06/21
AZC199-04C AMAZING-AZC199-04C Datasheet
283Kb / 10P
Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZC199-04S AMAZING-AZC199-04S Datasheet
275Kb / 11P
Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2015/01/06
AZC299-02R AMAZING-AZC299-02R Datasheet
221Kb / 9P
Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com