データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NXH5104 データシート (PDF) - NXP Semiconductors

NXH5104 Datasheet PDF - NXP Semiconductors
部品番号 NXH5104
ダウンロード  NXH5104 ダウンロード
ファイルサイズ   1130.1 Kbytes
ページ   37 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 4 Mbit Serial SPI EEPROM

NXH5104 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
NXH5104 Datasheet PDF - NXP Semiconductors

部品番号 NXH5104
ダウンロード  NXH5104 Click to download

ファイルサイズ   1130.1 Kbytes
ページ   37 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 4 Mbit Serial SPI EEPROM

NXH5104 データシート (HTML) - NXP Semiconductors


NXH5104 製品詳細

General description
The NXP Semiconductors NXH5104 is a 4 Mbit serial electrically erasable and
programmable read-only memory (EEPROM). It provides byte level and page level serial
EEPROM functions, sector level protection and power-down functions. The device has
been developed for low-power low-voltage applications and is provided with a serial
peripheral interface (SPI) compatible interface.

Features and benefits
• Compact wafer-level chip-scale package (WLCSP) package
• – 7.8 mm2, 380 μm thick
– 13 bumps with 400 μm pitch
• Integrated power management unit (PMU)
• – VDD supply range 1.0 V to 2.0 V
– VDD(IO) supply range: VDD to 2.6 V
– Direct operation from ZnAir, NiMH, Silver-Zinc batteries
– Active peak current limiting
• Low current consumption
• – Average power down current < 5 μA
– Average read current 0.6 mA (VDD = VDD(IO) = 1.8 V, FSPI =5 MHz)
– Average write current 0.7 mA (VDD = VDD(IO) = 1.8 V, FSPI = 5 MHz)
• Low-power CMOS technology
• Auxiliary supply voltage enabling direct LED drive
• Self-timed program cycle
• – 256 byte page write buffer
– Partial page write allowed
• Write protect
• – Quarter, half or entire memory array
• Serial peripheral interface (SPI)
• – Speed up to 5 MHz for 1.2 V signaling level
– Speed up to 10 MHz for 1.8 V signaling level
– SPI mode 0 (0,0) and 3 (1,1) support
– SPI 3-wire support for SPI mode 0
• Fixed high supply mode for faster start-up
• Space-saving 2.80 mm × 2.74 mm wafer-level chip-scale package (WLCSP)
• Highly integrated: 1 external cap
• High reliability
• – 10-year data retention
– 500 000 program cycles
– Wear-out management
• Operating temperature −20 °C to +85 °C
• Support for different supply configurations
• Device ID and Unique ID
• Pb-free and RoHS compliant




同様の部品番号 - NXH5104

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NXH500B100H7F5SHG ONSEMI-NXH500B100H7F5SHG Datasheet
367Kb / 14P
Flying Capacitor BOOST Module
September, 2024 - Rev. P1
NXH500B100H7Q2F2PHG ONSEMI-NXH500B100H7Q2F2PHG Datasheet
1Mb / 15P
Flying Capacitor BOOST Module
September, 2024 - Rev. P0
NXH500B100H7Q2F2SHG ONSEMI-NXH500B100H7Q2F2SHG Datasheet
1Mb / 15P
Flying Capacitor BOOST Module
September, 2024 - Rev. P0
NXH50C120L2C2ES1G ONSEMI-NXH50C120L2C2ES1G Datasheet
403Kb / 12P
TMPIM 50 A CIB/CI Module
March, 2020 ??Rev. 0
NXH50C120L2C2ES1G ONSEMI-NXH50C120L2C2ES1G Datasheet
420Kb / 12P
TMPIM 50 A CIB/CI Module
October, 2020 - Rev. 1
More results


同様の説明 - NXH5104

メーカー部品番号データシート部品情報
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
M95M02-DR STMICROELECTRONICS-M95M02-DR_V01 Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
More results




NXP Semiconductors について


NXP Semiconductorsは、自動車、産業、通信、消費者市場など、さまざまなアプリケーション向けの幅広い半導体および統合サーキットを設計、開発、製造する公開された多国籍企業です。

同社は2006年に設立され、オランダのアインドホーフェンに本社を置いています。

NXPは、マイクロコントローラー、マイクロプロセッサ、セキュア認証IC、電源管理ICS、RFおよびマイクロ波コンポーネント、センサーソリューションなど、製品の幅広いポートフォリオを提供します。

同社の製品は、エネルギー効率が高く、安全で、信頼性が高いように設計されており、自動車システム、産業用自動化と制御、スマートホームと建物、接続されたデバイスなど、さまざまなアプリケーションで使用されています。

NXPはイノベーションと顧客満足度に専念しており、ニーズを満たすために顧客に最適な半導体ソリューションを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com