データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1GT86 データシート (PDF) - E-Tech Electronics LTD

MC74VHC1GT86 Datasheet PDF - E-Tech Electronics LTD
部品番号 MC74VHC1GT86
ダウンロード  MC74VHC1GT86 ダウンロード
ファイルサイズ   578.68 Kbytes
ページ   4 Pages
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
部品情報 2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

MC74VHC1GT86 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC74VHC1GT86 Datasheet PDF - E-Tech Electronics LTD

部品番号 MC74VHC1GT86
ダウンロード  MC74VHC1GT86 Click to download

ファイルサイズ   578.68 Kbytes
ページ   4 Pages
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
部品情報 2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

MC74VHC1GT86 データシート (HTML) - E-Tech Electronics LTD


MC74VHC1GT86 製品詳細

The MC74VHC1GT86 is an advanced high speed CMOS 2–input Exclusive OR gate fabricated with silicon gate CMOS technology.
It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.
The MC74VHC1GT86 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT86 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: t PD = 4.8 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• TTL–Compatible Inputs: V IL= 0.8 V; V IH = 2.0 V
• CMOS–Compatible Outputs: V OH > 0.8 V CC ; V OL < 0.1 V CC @Load
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 83; Equivalent Gates = 16




同様の部品番号 - MC74VHC1GT86

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
80Kb / 6P
2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
121Kb / 6P
2-Input Exclusive OR Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 16
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results


同様の説明 - MC74VHC1GT86

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
logo
Renesas Technology Corp
HD74LV1GT86A RENESAS-HD74LV1GT86A Datasheet
104Kb / 7P
2-input Exclusive-OR Gate / CMOS Logic Level Shifter
HD74LV2GT86A RENESAS-HD74LV2GT86A Datasheet
82Kb / 8P
2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT02 LRC-L74VHC1GT02 Datasheet
206Kb / 6P
2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT86DFT1G ONSEMI-MC74VHC1GT86DFT1G Datasheet
121Kb / 6P
2-Input Exclusive OR Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 16
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A_15 Datasheet
106Kb / 10P
2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT86 LRC-L74VHC1GT86 Datasheet
395Kb / 6P
2-Input Exclusive OR Gate - CMOS Logic Level Shifter
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com