| メーカー | 部品番号 | データシート | 部品情報 |
 Vishay Barry |
RS0202ZZ-XXXXWN-90
|
161Kb / 2P |
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021 |
|
RS0402ZZ-XXXXWN-90
|
169Kb / 2P |
80mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021 |
|
RS0402ZZ-XXXXWN-91
|
160Kb / 2P |
50mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021 |
|
RS0502ZZ-XXXXWN-90
|
151Kb / 2P |
160mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 16 2021 |
|
RS0503ZZ-XXXXWN-90
|
160Kb / 2P |
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 16 2021 |
|
RS0505ZZ-XXXXWN-91
|
178Kb / 2P |
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021 |
|
RS0505ZZ-XXXXWN-93
|
174Kb / 2P |
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021 |
|
RS0805ZZ-XXXXWN-90
|
154Kb / 2P |
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021 |
|
RS1206ZZ-XXXXWN-90
|
145Kb / 2P |
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021 |
|
RS1206ZZ-XXXXWN-91
|
146Kb / 2P |
350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021 |