| メーカー | 部品番号 | データシート | 部品情報 |
 Vishay Barry |
RS0402ZZ-XXXXWN-95
|
168Kb / 2P |
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021 |
|
RS0505ZZ-XXXXWN-95
|
171Kb / 2P |
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021 |
|
RS0505ZZ-XXXXWN-98
|
174Kb / 2P |
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021 |
|
RS0805ZZ-XXXXWN-96
|
161Kb / 2P |
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021 |
|
RS0805ZZ-XXXXWN-98
|
157Kb / 2P |
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021 |
|
RS1206ZZ-XXXXWN-2P
|
151Kb / 2P |
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 A 2021 |
|
RS1206ZZ-XXXXWN-2Q
|
155Kb / 2P |
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021 |
|
RS1206ZZ-XXXXWN-2S
|
161Kb / 2P |
1.5W AlN Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 29 2021 |
|
RS1206ZZ-XXXXWN-95
|
144Kb / 2P |
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021 |
|
RS1206ZZ-XXXXWN-98
|
147Kb / 2P |
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021 |