データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC525 データシート (PDF) - Hittite Microwave Corporation

HMC525 Datasheet PDF - Hittite Microwave Corporation
部品番号 HMC525
ダウンロード  HMC525 ダウンロード
ファイルサイズ   315.28 Kbytes
ページ   6 Pages
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
部品情報 GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz

HMC525 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
HMC525 Datasheet PDF - Hittite Microwave Corporation

部品番号 HMC525
ダウンロード  HMC525 Click to download

ファイルサイズ   315.28 Kbytes
ページ   6 Pages
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
部品情報 GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz

HMC525 データシート (HTML) - Hittite Microwave Corporation


HMC525 製品詳細

General Description
The HMC525 is a compact I /Q MMIC mixer which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The chip utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This product is a much smaller alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies.

Features
   Wide IF Bandwidth: DC - 3.5 GHz
   Image Rejection: 40 dB
   LO to RF Isolation: 50 dB
   High Input IP3: +23 dBm

Typical Applications
The HMC525 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• VSAT




同様の部品番号 - HMC525

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC525 HITTITE-HMC525 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
logo
Micross Components
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC525A AD-HMC525A Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
HMC525A-SX AD-HMC525A-SX Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
More results


同様の説明 - HMC525

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC-C009 HITTITE-HMC-C009 Datasheet
488Kb / 6P
GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC-C009 HITTITE-HMC-C009_1 Datasheet
231Kb / 6P
GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525_09 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
More results




Hittite Microwave Corporation について


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com