データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ2255EQI-30 データシート (PDF) - Alpha & Omega Semiconductors

AOZ2255EQI-30 Datasheet PDF - Alpha & Omega Semiconductors
部品番号 AOZ2255EQI-30
ダウンロード  AOZ2255EQI-30 ダウンロード
ファイルサイズ   1718.3 Kbytes
ページ   15 Pages
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
部品情報 28V/12A Synchronous EZBuckTM Regulator

AOZ2255EQI-30 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AOZ2255EQI-30 Datasheet PDF - Alpha & Omega Semiconductors

部品番号 AOZ2255EQI-30
ダウンロード  AOZ2255EQI-30 Click to download

ファイルサイズ   1718.3 Kbytes
ページ   15 Pages
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
部品情報 28V/12A Synchronous EZBuckTM Regulator

AOZ2255EQI-30 データシート (HTML) - Alpha & Omega Semiconductors


AOZ2255EQI-30 製品詳細

General Description
The AOZ2255EQI-30 is a high-efficiency, easy-to-use
DC/DC synchronous buck regulator that operates up to
28V. The device is capable of supplying 12A of
continuous output current with an output voltage
adjustable down to 0.8V ±1%.
The AOZ2255EQI-30 integrates an internal linear
regulator to generate 5.3V VCC from input. If input
voltage is lower than 5.3V, the linear regulator operates
at low drop output mode, which allows the VCC voltage is
equal to input voltage minus the drop-output voltage of
the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection,
and thermal shutdown.
The AOZ2255EQI-30 is available in a 4mm×4mm QFN-
22L package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Wide input voltage range
– 6.5V to 28V
 12A continuous output current
 Output voltage adjustable down to 0.8V (±1.0%)
 Low RDS(ON) internal NFETs
– 11m high-side
– 7m low-side
 Constant On-Time with input feed-forward
 Ceramic capacitor stable
 Adjustable soft start
 Integrated bootstrap diode
 Cycle-by-cycle current limit
 Short-circuit protection
 Thermal shutdown
 Thermally enhanced 4mm x 4mm QFN-22L package

Applications
 Compact desktop PCs
 Graphics cards
 Set-top boxes
 LCD TVs
 Cable modems
 Point-of-load DC/DC converters
 Telecom/Networking/Datacom equipment




同様の部品番号 - AOZ2255EQI-30

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOZ22555QI AOSMD-AOZ22555QI Datasheet
2Mb / 16P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ22557QI AOSMD-AOZ22557QI Datasheet
2Mb / 18P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 April 2022
AOZ22559QI AOSMD-AOZ22559QI Datasheet
2Mb / 19P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.1 October 2023
AOZ2255AQI-30 AOSMD-AOZ2255AQI-30 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2255AQI-31 AOSMD-AOZ2255AQI-31 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
More results


同様の説明 - AOZ2255EQI-30

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOZ1269QI-02 AOSMD-AOZ1269QI-02 Datasheet
746Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
AOZ2263QI-15 AOSMD-AOZ2263QI-15 Datasheet
915Kb / 16P
28V/12A Synchronous EZBuckTM Regulator
AOZ2255LQI-31 AOSMD-AOZ2255LQI-31 Datasheet
1Mb / 16P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 September 2019
AOZ2263AQI-15 AOSMD-AOZ2263AQI-15 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263BQI-15 AOSMD-AOZ2263BQI-15 Datasheet
2Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 1.1 September 2022
AOZ2255AQI-30 AOSMD-AOZ2255AQI-30 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2263AQI-10 AOSMD-AOZ2263AQI-10 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263AQI-18 AOSMD-AOZ2263AQI-18 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263NQI-11 AOSMD-AOZ2263NQI-11 Datasheet
2Mb / 17P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.1 August 2022
AOZ2263NQI-12 AOSMD-AOZ2263NQI-12 Datasheet
2Mb / 17P
28V/12A Synchronous EZBuckTM Regulator
Rev. 1.1 August 2022
More results




Alpha & Omega Semiconductors について


Alpha&Omega Semiconductors(AOS)は、電力管理統合サーキット(IC)の設計と製造を専門とするグローバルな半導体企業です。
同社は1995年に設立され、カリフォルニア州サンノゼに本社があります。
AOSは、とりわけ、家電、コンピューティング、通信、産業システムなどのアプリケーションに幅広い電力管理ソリューションを提供しています。
同社は最先端のテクノロジーと革新的な製品で知られており、半導体業界で高い評価を得ています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com