| メーカー | 部品番号 | データシート | 部品情報 |
 Powerex Power Semicondu... |
CP10TD1-24A
|
336Kb / 6P |
DIP-CIB
|
|
CM100MX-12A
|
788Kb / 7P |
NX-Series CIB Module
|
 TEMEX |
CI-E03
|
693Kb / 11P |
CI E03 is a digital dual pulse compression module
|
 ON Semiconductor |
NXH25C120L2C2SG
|
300Kb / 10P |
TMPIM 25 A CIB Module
July, 2020 ??Rev. 1 |
|
NXH35C120L2C2ESG
|
690Kb / 9P |
TMPIM 35 A Enhances CIB Module
March, 2020 ??Rev. 0 |
|
NXH35C120L2C2SG
|
277Kb / 9P |
TMPIM 35 A CIB/CI Module
February, 2020 ??Rev. P2 |
|
NXH50C120L2C2ESG
|
403Kb / 12P |
TMPIM 50 A CIB/CI Module
March, 2020 ??Rev. 0 |
|
NXH50M65L4C2SG
|
893Kb / 20P |
TMPIM 650 V 50 A Converter-Inverter-PFCs Module
September, 2021 ??Rev. P3 |
|
NXH50M65L4C2ESG
|
900Kb / 20P |
TMPIM 650 V 50 A Converter-Inverter-PFCs Module
September, 2021?뭃ev. P4 |
|
NXH35C120L2C2ESG
|
615Kb / 9P |
TMPIM 35 A Enhances CIB Module
October, 2020 - Rev. 1 |