データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPW5-J データシート (PDF) - TRACO Electronic AG

TMPW5-J Datasheet PDF - TRACO Electronic AG
部品番号 TMPW5-J
ダウンロード  TMPW5-J ダウンロード
ファイルサイズ   940.65 Kbytes
ページ   4 Pages
メーカー  TRACOPOWER [TRACO Electronic AG]
ホームページ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
部品情報 AC/DC Power Supply TMPW 5-J Series, 5 Watt

TMPW5-J Datasheet (PDF)

Go To PDF Page ダウンロード データシート
TMPW5-J Datasheet PDF - TRACO Electronic AG

部品番号 TMPW5-J
ダウンロード  TMPW5-J Click to download

ファイルサイズ   940.65 Kbytes
ページ   4 Pages
メーカー  TRACOPOWER [TRACO Electronic AG]
ホームページ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
部品情報 AC/DC Power Supply TMPW 5-J Series, 5 Watt

TMPW5-J データシート (HTML) - TRACO Electronic AG


TMPW5-J 製品詳細

• Compact chassis mount power module
in 2.17" x 1.70" package
• Wide input voltage range 90-305 VAC
• Certified according to EN 60335-1 an
IEC/EN/UL 62368-1
• I/O-Isolation 4’000 VAC
• Operating temperature range –40°C to
+70°C
• No load input power <0.1W (acc. ErP
directive)
• High efficiency up to 83%
• Internal EN 55032 class B filter
• Protection class II prepared
• 3 year product warranty




同様の部品番号 - TMPW5-J

メーカー部品番号データシート部品情報
logo
TRACO Electronic AG
TMPW5-103 TRACOPOWER-TMPW5-103 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMPW5-105 TRACOPOWER-TMPW5-105 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMPW5-112 TRACOPOWER-TMPW5-112 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMPW5-124 TRACOPOWER-TMPW5-124 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
More results


同様の説明 - TMPW5-J

メーカー部品番号データシート部品情報
logo
TRACO Electronic AG
TMF05 TRACOPOWER-TMF05 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 05 Series, 5 Watt
Rev. January 25, 2023
TMPS05 TRACOPOWER-TMPS05 Datasheet
1,014Kb / 5P
AC/DC Power Supply TMPS 05 Series, 5 Watt
Rev. March 16, 2023
TMPW10-J TRACOPOWER-TMPW10-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 10-J Series, 10 Watt
Rev. November 30, 2022
TMPW10 TRACOPOWER-TMPW10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPW 10 Series, 10 Watt
Rev. November 30, 2022
TMPW25-J TRACOPOWER-TMPW25-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW25 TRACOPOWER-TMPW25 Datasheet
1,002Kb / 4P
AC/DC Power Supply TMPW 25 Series, 25 Watt
Rev. November 30, 2022
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMPW50-J TRACOPOWER-TMPW50-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
TMPW50 TRACOPOWER-TMPW50 Datasheet
1,012Kb / 4P
AC/DC Power Supply TMPW 50 Series, 50 Watt
Rev. November 30, 2022
TPI125A-J TRACOPOWER-TPI125A-J Datasheet
1Mb / 4P
AC/DC Power Supply TPI 125A-J Series, 125 Watt
Rev. March 16, 2023
More results




TRACO Electronic AG について


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com