データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPP30-J データシート (PDF) - TRACO Electronic AG

TPP30-J Datasheet PDF - TRACO Electronic AG
部品番号 TPP30-J
ダウンロード  TPP30-J ダウンロード
ファイルサイズ   1176.75 Kbytes
ページ   5 Pages
メーカー  TRACOPOWER [TRACO Electronic AG]
ホームページ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
部品情報 AC/DC Medical Power Supply TPP 30-J Series, 30 Watt

TPP30-J Datasheet (PDF)

Go To PDF Page ダウンロード データシート
TPP30-J Datasheet PDF - TRACO Electronic AG

部品番号 TPP30-J
ダウンロード  TPP30-J Click to download

ファイルサイズ   1176.75 Kbytes
ページ   5 Pages
メーカー  TRACOPOWER [TRACO Electronic AG]
ホームページ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
部品情報 AC/DC Medical Power Supply TPP 30-J Series, 30 Watt

TPP30-J データシート (HTML) - TRACO Electronic AG


TPP30-J 製品詳細

• High power density power supply
(encapsulated)
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• Low leakage current <75 μA rated for
BF applications
• EMC compliance to IEC 60601-1-2 4th
edition
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Protection class ll
• Operating up to 5000 m altitude
• Ready to meet ErP directive, no load
power consumption <60 mW
• 5-year product warranty




同様の部品番号 - TPP30-J

メーカー部品番号データシート部品情報
logo
TRACO Electronic AG
TPP30-103-D TRACOPOWER-TPP30-103-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-D Series, 30 Watt
Rev. March 16, 2023
TPP30-103A-D TRACOPOWER-TPP30-103A-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-D Series, 30 Watt
Rev. March 16, 2023
TPP30-103A-J TRACOPOWER-TPP30-103A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-J Series, 30 Watt
Rev. March 16, 2023
TPP30-105-D TRACOPOWER-TPP30-105-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-D Series, 30 Watt
Rev. March 16, 2023
TPP30-105A-D TRACOPOWER-TPP30-105A-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-D Series, 30 Watt
Rev. March 16, 2023
More results


同様の説明 - TPP30-J

メーカー部品番号データシート部品情報
logo
TRACO Electronic AG
TMF30 TRACOPOWER-TMF30 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 30 Series, 30 Watt
Rev. January 25, 2023
TPP100A-J TRACOPOWER-TPP100A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 100A-J Series, 100 Watt
Rev. March 16, 2023
TPP15-J TRACOPOWER-TPP15-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TPP150A-J TRACOPOWER-TPP150A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150A-J Series, 150 Watt
Rev. March 16, 2023
TPP15A-J TRACOPOWER-TPP15A-J Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-J Series, 15 Watt
Rev. March 16, 2023
TPP30-D TRACOPOWER-TPP30-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-D Series, 30 Watt
Rev. March 16, 2023
TPP30A-D TRACOPOWER-TPP30A-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-D Series, 30 Watt
Rev. March 16, 2023
TPP30A-J TRACOPOWER-TPP30A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-J Series, 30 Watt
Rev. March 16, 2023
TPP40E-J TRACOPOWER-TPP40E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40E-J Series, 40 Watt
Rev. February 13, 2023
TPP65E-J TRACOPOWER-TPP65E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 65E-J Series, 65 Watt
Rev. February 13, 2023
More results




TRACO Electronic AG について


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com