データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GYPRO2300 データシート (PDF) - TDK Electronics

GYPRO2300 Datasheet PDF - TDK Electronics
部品番号 GYPRO2300
ダウンロード  GYPRO2300 ダウンロード
ファイルサイズ   2006.04 Kbytes
ページ   22 Pages
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics
部品情報 MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC

GYPRO2300 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
GYPRO2300 Datasheet PDF - TDK Electronics

部品番号 GYPRO2300
ダウンロード  GYPRO2300 Click to download

ファイルサイズ   2006.04 Kbytes
ページ   22 Pages
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics
部品情報 MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC

GYPRO2300 データシート (HTML) - TDK Electronics


GYPRO2300 製品詳細

General Description
GYPRO® product line is an established family of Micro-Electro-Mechanical Systems (MEMS) angular rate sensor specifically designed for demanding applications.
The MEMS transducer is manufactured using Tronics proprietary vacuum wafer-level packaging technology based on micro-machined thick single crystal silicon.
The integrated circuit (IC) provides a stable primary anti-phase vibration of the ‘drive’ proof masses, thanks to electrostatic comb drives. When the sensor is subjected to a rotation, the Coriolis force acts on the ‘sense’ proof masses and forces them into a secondary anti-phase movement perpendicular to the direction of drive vibration, which is itself counter-balanced by electrostatic forces. The sense closed loop operates as an electromechanical ΣΔ modulator providing a digital output. This output is finally demodulated using the drive reference signal.
The sensor is factory calibrated and compensated for temperature effects to provide high-accuracy digital output over a broad temperature range.
Raw data output can be also chosen to enable customer-made compensations.

Features
• Digital angular rate sensor with SPI interface
• Angular rate measurement around Z-axis (yaw)
• ±300°/sec input range
• Ultra low noise
• Excellent bias instability
• 24 bit angular rate output
• Embedded temperature sensor for on-chip or external temperature compensation
• Built-in Self-Test
• 5V single supply voltage
• Low operating current consumption: 25mA
• CLCC 30 package: 19.6 mm x 11.5 mm x 2.9 mm
• Weight : 2 grams
• REACH and RoHS compatible

Applications
• Precision instrumentation
• Platform stabilization and control
• Unmanned aerial vehicles




同様の部品番号 - GYPRO2300

メーカー部品番号データシート部品情報
logo
CT Micro International ...
GYP160803-CTC3 CTMICRO-GYP160803-CTC3 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
logo
OSRAM GmbH
GYPSLM31.13 OSRAM-GYPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
More results


同様の説明 - GYPRO2300

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TN3012L VISHAY-TN3012L Datasheet
47Kb / 4P
N-Channel 300-V (D-S) MOSFET
16-Jul-01
logo
Powerex Power Semicondu...
MAS1390P POWEREX-MAS1390P Datasheet
89Kb / 2P
Intellimod Module g Acceleration Sensor 4.75 5.25 Volts
logo
Nihon Inter Electronics...
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
300 A 600 V
logo
New Jersey Semi-Conduct...
2N2013 NJSEMI-2N2013 Datasheet
80Kb / 1P
SCR, V(DRM) = 300 V TO 399.9 V
logo
Analog Power
AM10N30-600I ANALOGPOWER-AM10N30-600I Datasheet
77Kb / 3P
N-Channel 300-V (D-S) MOSFET
AM7300N ANALOGPOWER-AM7300N Datasheet
335Kb / 5P
N-Channel 300-V (D-S) MOSFET
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
logo
Analog Devices
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
logo
Analog Power
AM90N30-290B ANALOGPOWER-AM90N30-290B Datasheet
332Kb / 5P
N-Channel 300-V (D-S) MOSFET
logo
RICOH electronics devic...
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
More results




TDK Electronics について


TDK Electronicsは、日本に拠点を置く多国籍電子会社であるTDK Corporationの子会社です。
TDK Electronicsは、コンデンサ、インダクタ、フェライトビーズなどの電子コンポーネントの設計と製造を専門としており、家電、自動車、産業システムなどの幅広い用途で使用しています。
同社は、高品質の製品と革新的なソリューションで知られており、電子業界で高い評価を得ています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com