データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EN84C3RMSBR データシート (PDF) - STMicroelectronics

SPC58EN84C3RMSBR Datasheet PDF - STMicroelectronics
部品番号 SPC58EN84C3RMSBR
ダウンロード  SPC58EN84C3RMSBR ダウンロード
ファイルサイズ   3030.95 Kbytes
ページ   158 Pages
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
部品情報 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC58EN84C3RMSBR Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SPC58EN84C3RMSBR Datasheet PDF - STMicroelectronics

部品番号 SPC58EN84C3RMSBR
ダウンロード  SPC58EN84C3RMSBR Click to download

ファイルサイズ   3030.95 Kbytes
ページ   158 Pages
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
部品情報 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC58EN84C3RMSBR データシート (HTML) - STMicroelectronics


SPC58EN84C3RMSBR 製品詳細

Features
• AEC-Q100 qualified
• 32-bit Power Architecture VLE compliant CPU
cores:
– Five enhanced main e200z4256n3 cores,
dual issue, two paired in lockstep
– Floating Point, End-to-End Error Correction
• 6576 KB (6288 KB code flash + 288 KB data
flash) on-chip flash memory:
– supports read during program and erase
operations, and multiple blocks allowing
EEPROM emulation
– Supports read while read between the two
code Flash partitions.
• 128 KB on-chip general-purpose SRAM (in
addition to 384 KB included in the CPUs)
• 96-channel direct memory access controller
(eDMA)
• Comprehensive new generation ASIL-D safety
concept
– ASIL-D of ISO 26262
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– Cyclic redundancy check (CRC) unit
• Junction temperature range -40 °C to 165 °C
• Dual-channel FlexRay controller
• Hardware Security Module (HSM)
• GTM344 - generic timer module
– Intelligent complex timer module
– 144 channels (48 input and 96 output)
– 5 programmable fine grain multi-threaded
cores
– 61 KB of dedicated RAM
– 24-bit wide channels
Enhanced analog-to-digital converter system
with:
– 1 supervisor 12-bit SAR analog converter
– 2 separate 10-bit SAR analog converter
– 4 separate fast 12-bit SAR analog
converters
– 6 separate 16-bit Sigma-Delta analog
converter with programmable decimation
filters
SAR ADC Queued digital interfaces for
individual channel ordering and command
sequencing
Communication interfaces
– 7 LINFlexD modules
– 8 deserial serial peripheral interface (DSPI)
modules
– 7 modular controller area network (MCAN)
modules, and one time-triggered controller
area network (M-TTCAN), all supporting
flexible data rate (ISO CAN-FD)
One Ethernet controller 10/100 Mbps,
compliant IEEE 802.3-2008
Flexible Power Supply options:
– External Regulators (1.2 V core, 3.3 V–5 V
IO)
– Single internal SMPS regulator
Nexus development interface (NDI) per
IEEEISTO 5001-2003 standard, with some
support for 2010 standard
Boot assist Flash (BAF) supports factory
programming using a serial bootload through
the asynchronous CAN or LIN/UART




同様の部品番号 - SPC58EN84C3RMSBR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SPC58EC80E1Q0C1X STMICROELECTRONICS-SPC58EC80E1Q0C1X Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC58EC80E5 STMICROELECTRONICS-SPC58EC80E5 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
SPC58EC80E5QMC1Y STMICROELECTRONICS-SPC58EC80E5QMC1Y Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
SPC58ECX STMICROELECTRONICS-SPC58ECX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC58EE80C3 STMICROELECTRONICS-SPC58EE80C3 Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
More results


同様の説明 - SPC58EN84C3RMSBR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results




STMicroelectronics について


Stmicroelectronicsは、スイスのジュネーブに拠点を置く多国籍の電子機器および半導体メーカーです。

同社は、自動車、産業、消費者市場のさまざまなアプリケーション向けに、マイクロコントローラー、センサー、パワーアンプ、統合サーキットなど、幅広い製品を提供しています。

1987年に設立されたStmicroelectronicsは、100か国以上で事業を展開しており、世界最大の半導体企業の1つです。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com