データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CB3Q3257-Q100 データシート (PDF) - Nexperia B.V. All rights reserved

74CB3Q3257-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
部品番号 74CB3Q3257-Q100
ダウンロード  74CB3Q3257-Q100 ダウンロード
ファイルサイズ   217.0 Kbytes
ページ   13 Pages
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
部品情報 4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump

74CB3Q3257-Q100 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
74CB3Q3257-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

部品番号 74CB3Q3257-Q100
ダウンロード  74CB3Q3257-Q100 Click to download

ファイルサイズ   217.0 Kbytes
ページ   13 Pages
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
部品情報 4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump

74CB3Q3257-Q100 データシート (HTML) - Nexperia B.V. All rights reserved


74CB3Q3257-Q100 製品詳細

1. General description
The 74CB3Q3257-Q100 is a quad high-bandwidth single-pole, double-throw FET bus switch. The
device features one select input (S) and one output enable input (OE). The switch is disabled when
the OE input is HIGH. An internal charge-pump increases the gate voltage of the NMOS pass
transistor. The result is improved RON and RON(flat) performance and the ability to switch 5 V signals
when VCC = 3.3 V.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 3) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 3)
• Specified from -40 °C to +85 °C
• Wide supply voltage range from 2.3 V to 3.6 V
• Overvoltage switching on switch ports:
• 0 V to 5 V switching with VCC = 2.5 V
• 0 V to 5 V switching with VCC = 3.3 V
• 4 Ω (typical) ON resistance
• 3.5 pF (typical) OFF-state capacitance
• High bandwidth 0.5 GHz (maximum)
• Low input/output capacitance minimizes loading and signal distortion
• Fast switching frequency fmax = 20 MHz (maximum)
• Low power consumption ICC = 0.4 mA (typical)
• Control inputs can be driven by TTL or 5 V/3.3 V CMOS outputs
• IOFF supports partial power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78E Class II Level A
• ESD protection:
• MIL-STD-883, method 3015 exceeds 2000 V
• HBM ANSI/ESDA/Jedec JS-001 Class 2 exceeds 2 kV

3. Applications
• Communication infrastructure
• Bus isolation
• Memory interleaving
• Sensor multiplexing




同様の部品番号 - 74CB3Q3257-Q100

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74CB3Q3257 NEXPERIA-74CB3Q3257 Datasheet
218Kb / 17P
4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
74CB3Q3257BQ NEXPERIA-74CB3Q3257BQ Datasheet
218Kb / 17P
4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
logo
Texas Instruments
74CB3Q3257DBQRE4 TI-74CB3Q3257DBQRE4 Datasheet
509Kb / 17P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
74CB3Q3257DBQRE4 TI1-74CB3Q3257DBQRE4 Datasheet
1Mb / 25P
FET Multiplexer/Demultiplexer
74CB3Q3257DBQRG4 TI-74CB3Q3257DBQRG4 Datasheet
509Kb / 17P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


同様の説明 - 74CB3Q3257-Q100

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74CB3Q3253 NEXPERIA-74CB3Q3253 Datasheet
220Kb / 17P
Dual 1-of-4 FET multiplexer/demultiplexer with charge pump
74CB3Q3257 NEXPERIA-74CB3Q3257 Datasheet
218Kb / 17P
4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com