| メーカー | 部品番号 | データシート | 部品情報 |
 Maxim Integrated Produc... |
MAX25203EVKIT
|
1Mb / 18P |
100W USB-PD REV3.0 Source Charger Solution using a Cypress PD Controller
2020 |
 Coolgear Inc. |
CG-CCJPD30X2
|
391Kb / 2P |
Dual USB Charging Board Type-C PD 30 Watts x 2 60 Watts Total – PCBA
|
|
CG-PD60PPS
|
1Mb / 2P |
Chargeit! Mini 75W Dual Port USB-A & USB-C PD Charger w/ PPS & QC4.0 Support
Rev 05.220908 |
|
CG-CMD60W
|
579Kb / 1P |
CHARGEIT! MINI DESKTOP 75W DUAL
3/3/23 |
|
CG-PD100C
|
460Kb / 2P |
ChargeIT! Mini 100W USB Type C PD Charger
Rev 05.230310 |
|
CG-PD110C2
|
485Kb / 2P |
ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port
Rev 05.230320 |
|
CG-PD140EPR
|
419Kb / 1P |
ChargeIT! Mini 140W USB Type-C PD Charger w/ EPR Support
3/3/23 |
|
CG-PD200MAX
|
1Mb / 2P |
ChargeIt! Mini 200W Dual Type-C PD Charger 100W output each port 24V Input
Rev 05.230320 |
|
CG-PD82HVV
|
101Kb / 2P |
ChargeIT Mini 82W USB Type-C PD Charger High w/ 24~48V DC Input
Rev 05.230320 |
|
CG-PDHV82W-PCBA
|
180Kb / 2P |
ChargeIT! Mini 82W USB Type-C PD Charger PCBA w/ 24~48V DC Input
Rev 05.230320 |