データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS200ID データシート (PDF) - Danisense A/S

DS200ID Datasheet PDF - Danisense A/S
部品番号 DS200ID
ダウンロード  DS200ID ダウンロード
ファイルサイズ   462.3 Kbytes
ページ   7 Pages
メーカー  DANISENSE [Danisense A/S]
ホームページ  https://danisense.com/
Logo DANISENSE - Danisense A/S
部品情報 Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A

DS200ID Datasheet (PDF)

Go To PDF Page ダウンロード データシート
DS200ID Datasheet PDF - Danisense A/S

部品番号 DS200ID
ダウンロード  DS200ID Click to download

ファイルサイズ   462.3 Kbytes
ページ   7 Pages
メーカー  DANISENSE [Danisense A/S]
ホームページ  https://danisense.com/
Logo DANISENSE - Danisense A/S
部品情報 Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A

DS200ID データシート (HTML) - Danisense A/S


DS200ID 製品詳細

Features
Linearity error maximum 2 ppm
Fluxgate, closed loop compensated technology with
fixed excitation frequency and second harmonic
zero flux detection for best in class accuracy and
stability
Industry standard DSUB 9 pin connection
Green diode for normal operation indication
Full aluminum body for superior EMI shielding and
extended operating temperature range
Large aperture 27.6mm for cables and bus bars
Applications:
MPS for particles accelerators
Gradient amplifiers for MRI devices
Stable power supplies
Precision drives
Batteries testing and evaluation systems
Power measurement and power analysis
Current calibration purposes




同様の部品番号 - DS200ID

メーカー部品番号データシート部品情報
logo
Danisense A/S
DS200ID-CD100 DANISENSE-DS200ID-CD100 Datasheet
480Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200ID-CD1000 DANISENSE-DS200ID-CD1000 Datasheet
490Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-12-14
More results


同様の説明 - DS200ID

メーカー部品番号データシート部品情報
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DS200ID-CD100 DANISENSE-DS200ID-CD100 Datasheet
480Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200ID-CD1000 DANISENSE-DS200ID-CD1000 Datasheet
490Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-12-14
DS200UB-10V DANISENSE-DS200UB-10V Datasheet
560Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 220A
2022-11-24
DS200UB-1V DANISENSE-DS200UB-1V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 330A
2022-11-24
DS300ID DANISENSE-DS300ID Datasheet
467Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 500A
2022-11-24
DS1000UB-10V DANISENSE-DS1000UB-10V Datasheet
552Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1100A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com