データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSU7L データシート (PDF) - Honeywell Solid State Electronics Center

LSU7L Datasheet PDF - Honeywell Solid State Electronics Center
部品番号 LSU7L
ダウンロード  LSU7L ダウンロード
ファイルサイズ   11497.45 Kbytes
ページ   38 Pages
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
部品情報 MICRO SWITCH Heavy-Duty Limit Switch

LSU7L Datasheet (PDF)

Go To PDF Page ダウンロード データシート
LSU7L Datasheet PDF - Honeywell Solid State Electronics Center

部品番号 LSU7L
ダウンロード  LSU7L Click to download

ファイルサイズ   11497.45 Kbytes
ページ   38 Pages
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
部品情報 MICRO SWITCH Heavy-Duty Limit Switch

LSU7L データシート (HTML) - Honeywell Solid State Electronics Center


LSU7L 製品詳細

FEATURES
• NEMA 1, 3, 4, 4X, 6, 6P, 12, 13 and IP65/66/67 environmental sealing
• NEMA/IP sealing features twin shaft seals for an extra measure of protection
• Rugged, corrosion-resistant zinc head and body are phosphate treated and epoxy coated
• Diaphragm seal between head and body provides an extra measure of protection
• Multiple connectivity options for international applications
• Fluorosilicone seals available for low temperature applications, and fluorocarbon seals available for chemically harsh environments and higher temperature applications
• Secure head-to-body retention with the head in any one of four positions 90° apart
• Self-lifting pressure plate terminals saves wiring time
• Wide variety of actuators, switch options, and head styles
• Rotary actuated heads are field adjustable for CW actuation, CCW actuation, or both
• Silver or gold-plated contacts
• Plug-in and non plug-in bodies have identical operating characteristics and are dimensionally interchangeable

DESCRIPTION
Honeywell’s MICRO SWITCH heavy-duty limit switches’ modular construction allows for a wide variety of actuator styles, operating heads, and electrical circuitry options. The plug-in versions greatly reduce downtime on production lines with high actuation rates as replacement of the switch is accomplished in seconds. The base receptacle contains all the wiring and conduit connection while the switching component with operating head easily assembles to the base and is attached with two screws.
They are ideal for many applications with demanding indoor and/or outdoor environments, where they may be subjected to shock or vibration from equipment, temperature extremes, dust, splashing water, coolant, and/or hose-directed water.

POTENTIAL APPLICATIONS
• Machine tools
• Automotive machine tools
• Material handling
• Outdoor electromechanical structures
• Balers/compactors
• Conveyors
• Food and beverage
• Power plants
• Off-road equipment
• Agricultural equipment
• Valves
• Transportation hubs




同様の部品番号 - LSU7L

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
LSU260-EO SIEMENS-LSU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
Micross Components
LSU308 MICROSS-LSU308 Datasheet
297Kb / 1P
N-CHANNEL JFET
LSU308_TO-18 MICROSS-LSU308_TO-18 Datasheet
297Kb / 1P
N-CHANNEL JFET
More results


同様の説明 - LSU7L

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
Standard Heavy Duty Limit Switches
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
logo
Panasonic Semiconductor
QL PANASONIC-QL Datasheet
677Kb / 21P
QL (AZ4) Micro Limit Switch
2006
logo
Moujen Global Co., Ltd.
M4-4 MOUJEN-M4-4 Datasheet
3Mb / 12P
Compact Heavy Duty Limit Switch
MJ-7 MOUJEN-MJ-7 Datasheet
4Mb / 15P
Heavy Duty Limit Switch
MJ1-6 MOUJEN-MJ1-6 Datasheet
3Mb / 12P
Heavy Duty Limit Switch
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results




Honeywell Solid State Electronics Center について


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com