データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTQ35N65GN データシート (PDF) - DinTek Semiconductor Co,.Ltd

DTQ35N65GN Datasheet PDF - DinTek Semiconductor Co,.Ltd
部品番号 DTQ35N65GN
ダウンロード  DTQ35N65GN ダウンロード
ファイルサイズ   2550.99 Kbytes
ページ   15 Pages
メーカー  DINTEK [DinTek Semiconductor Co,.Ltd]
ホームページ  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd
部品情報 450mΩ, 650V GaN HEMT With Integrated Driver and Protection

DTQ35N65GN Datasheet (PDF)

Go To PDF Page ダウンロード データシート
DTQ35N65GN Datasheet PDF - DinTek Semiconductor Co,.Ltd

部品番号 DTQ35N65GN
ダウンロード  DTQ35N65GN Click to download

ファイルサイズ   2550.99 Kbytes
ページ   15 Pages
メーカー  DINTEK [DinTek Semiconductor Co,.Ltd]
ホームページ  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd
部品情報 450mΩ, 650V GaN HEMT With Integrated Driver and Protection

DTQ35N65GN データシート (HTML) - DinTek Semiconductor Co,.Ltd


DTQ35N65GN 製品詳細

• 650V enhancement mode HEMT with integrated driver
• 450mΩ RDSON
• 5V PWM input
• UVLO protection
• Zero reverse recovery
• Low quiescent current driver
• Adjustable turn-on slew rate
• Dv/Dt immunity both with/without driver-supply
• Low propagation delay for up to 2MHz operation
2.0 Topologies and Applications
• As switching FETs in singles, or in pairs as half-bridges
• AC-DC, DC-DC, DC-AC converters
• PFC applications (totem pole and standard)
• High frequency LLC converters
• Mobile chargers and laptop adapters
• LED and motor drives
• Server power supplies
1.0 Features
3.0 Description
The DTQ35N65GN is a 450mΩ, 650V GaN HEMT devicewith integrated driver circuit. The monolithic integration ofdriver minimizes inductance in the gate loop enabling safeand clean switching even at high-voltage high-frequencyoperations.This device makes the applications moreefficient/reliable,and also reduces the size of themagnetic components dramatically. UVLO function of thedevice turns-off the HEMT in case VDD voltage droopsbelow its threshold voltage. A proprietary dv/dt protectioncircuit protects the HEMT from drain-dvdt induced falseturn-on even in the absence of VDD supply. An externalresistance between Vreg and RG allows control of drainvoltage slew rate for best EMI performance.




同様の部品番号 - DTQ35N65GN

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTQ3031 DINTEK-DTQ3031 Datasheet
522Kb / 7P
P-Channel 100-V (D-S) MOSFET
DTQ3203 DINTEK-DTQ3203 Datasheet
522Kb / 7P
P-Channel 15 V (D-S) MOSFET
logo
Din-Tek Semiconductor C...
DTQ3204 DIN-TEK-DTQ3204 Datasheet
359Kb / 8P
N-Channel 20 V (D-S) MOSFET
logo
DinTek Semiconductor Co...
DTQ3205 DINTEK-DTQ3205 Datasheet
419Kb / 8P
P-Channel 20 V (D-S) MOSFET
VER.201CF
DTQ3205G DINTEK-DTQ3205G Datasheet
495Kb / 7P
P-Channel 15 V (D-S) MOSFET
More results


同様の説明 - DTQ35N65GN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMG3410R070 TI1-LMG3410R070_18 Datasheet
1Mb / 33P
600-V 70-m(ohm) GaN with Integrated Driver and Protection
LMG3411R150 TI1-LMG3411R150 Datasheet
774Kb / 27P
600-V 150-m(ohm) GaN with integrated driver and protection
LMG3411R150 TI1-LMG3411R150_19 Datasheet
786Kb / 28P
600-V 150-m廓 GaN With Integrated Driver And Protection
logo
UN Semiconducctor INC
UNG6505N170-PD68 UNSEMI-UNG6505N170-PD68 Datasheet
4Mb / 12P
GaN HEMT integrated Gate Driver
Revision March 1,2022
logo
DinTek Semiconductor Co...
DTQ13N65GN DINTEK-DTQ13N65GN Datasheet
3Mb / 15P
90mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ13N65GS DINTEK-DTQ13N65GS Datasheet
2Mb / 17P
SUPERIORIOR GaN DTQ13N65GS – 90mΩ, 650V GaN HEMT
DTQ45N65GN DINTEK-DTQ45N65GN Datasheet
2Mb / 15P
360mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ45N65GS DINTEK-DTQ45N65GS Datasheet
3Mb / 17P
SUPERIORIOR GaN DTQ45N65GS – 360mΩ, 650V GaN HEMT
DTQ75N65GN DINTEK-DTQ75N65GN Datasheet
1Mb / 15P
180mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ75N65GS DINTEK-DTQ75N65GS Datasheet
2Mb / 17P
SUPERIOR GaN DTQ75N65GS – 180mΩ, 650V GaN HEMT
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com