データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RW612 データシート (PDF) - NXP Semiconductors

RW612 Datasheet PDF - NXP Semiconductors
部品番号 RW612
ダウンロード  RW612 ダウンロード
ファイルサイズ   2000.35 Kbytes
ページ   220 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 Wireless MCU with Integrated Tri-radio Wi-Fi 6 Bluetooth Low Energy 5.4 / 802.15.4

RW612 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
RW612 Datasheet PDF - NXP Semiconductors

部品番号 RW612
ダウンロード  RW612 Click to download

ファイルサイズ   2000.35 Kbytes
ページ   220 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 Wireless MCU with Integrated Tri-radio Wi-Fi 6 Bluetooth Low Energy 5.4 / 802.15.4

RW612 データシート (HTML) - NXP Semiconductors


RW612 製品詳細

1 Product overview
The RW612 is a highly integrated, low-power tri-radio Wireless MCU with an integrated MCU and Wi-Fi 6 +
Bluetooth Low Energy (LE) / 802.15.4 radios designed for a broad array of applications. Applications include
connected smart home and appliances, enterprise and industrial automation and smart energy..
The RW612 MCU subsystem includes a 260 MHz Arm® Cortex®-M33 core with TrustZone™-M, 1.2 MB onchip
SRAM. The RW612 also includes a Quad SPI interface with high bandwidth, and an on-the-fly decryption
engine for securely accessing off-chip XIP flash and PSRAM.
The RW612 includes a full-featured 1x1 dual-band (2.4 GHz / 5 GHz) 20 MHz Wi-Fi 6 (802.11ax) subsystem
bringing higher throughput, better network efficiency, lower latency, and improved range over previous
generation Wi-Fi standards. The Bluetooth LE radio supports 2 Mbit/s high-speed data rate, and long range and
extended advertising. The on-chip 802.15.4 radio can support the Thread and Zigbee networking protocols.
The RW612 is an ideal device for Matter applications running over Wi-Fi, Ethernet and Thread. The RW612 can
operate as a Matter Controller as well as Thread Border Router. This capability enables full Matter functionality
for local and cloud-based control, and for monitoring of IoT products seamlessly across major ecosystems.
EdgeLock™ security technology of NXP is incorporated, offering secure boot, secure debug, secure firmware
updates, and secure life cycle management as well as hardware cryptography and Physically Unclonable
Function (PUF) for secure key management.
The advanced design of the RW612 delivers tight integration, low power, and highly secure operation in a
space- and cost-efficient wireless MCU requiring only a single 3.3 V power supply.

1.1 Applications
• Smart home: smart outlet, light switch, security camera, thermostat, sprinkler controller, door lock, doorbell,
garage door, security system, and smart display
• Industrial: building automation, smart lighting, security / physical access, Point of Sale (POS) terminals
• Smart devices—air purifier, pet monitor, weighing scale, glucometer, blood pressure monitor, fitness
equipment
• Smart appliances—refrigerator, washer, dryer, oven range, microwave, dishwasher, water heater, air
conditioner, robotic vacuum cleaner
• Smart accessories— alarm clock, remote control
• Gateways—Multi-radio hub/smart device gateway to/for Internet/IP connectivity




同様の部品番号 - RW612

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
RW610 NXP-RW610 Datasheet
1Mb / 218P
Wireless MCU with Integrated Wi-Fi 6 and Bluetooth Low Energy 5.4
Rev. 8 - 2 July 2024
RW610ET/A2IK NXP-RW610ET/A2IK Datasheet
1Mb / 218P
Wireless MCU with Integrated Wi-Fi 6 and Bluetooth Low Energy 5.4
Rev. 8 - 2 July 2024
RW610ET/A2IY NXP-RW610ET/A2IY Datasheet
1Mb / 218P
Wireless MCU with Integrated Wi-Fi 6 and Bluetooth Low Energy 5.4
Rev. 8 - 2 July 2024
RW610HN/A2IK NXP-RW610HN/A2IK Datasheet
1Mb / 218P
Wireless MCU with Integrated Wi-Fi 6 and Bluetooth Low Energy 5.4
Rev. 8 - 2 July 2024
RW610HN/A2IMP NXP-RW610HN/A2IMP Datasheet
1Mb / 218P
Wireless MCU with Integrated Wi-Fi 6 and Bluetooth Low Energy 5.4
Rev. 8 - 2 July 2024
More results


同様の説明 - RW612

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
MWPR1124ZVHT NXP-MWPR1124ZVHT Datasheet
1Mb / 86P
Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
Rev. 0, 04/2018
KW45B NXP-KW45B Datasheet
1Mb / 94P
Highly Secure, Bluetooth Low Energy 5.3 Wireless MCU with CAN FD
Rev. 9 - 12/2022
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
More results




NXP Semiconductors について


NXP Semiconductorsは、自動車、産業、通信、消費者市場など、さまざまなアプリケーション向けの幅広い半導体および統合サーキットを設計、開発、製造する公開された多国籍企業です。

同社は2006年に設立され、オランダのアインドホーフェンに本社を置いています。

NXPは、マイクロコントローラー、マイクロプロセッサ、セキュア認証IC、電源管理ICS、RFおよびマイクロ波コンポーネント、センサーソリューションなど、製品の幅広いポートフォリオを提供します。

同社の製品は、エネルギー効率が高く、安全で、信頼性が高いように設計されており、自動車システム、産業用自動化と制御、スマートホームと建物、接続されたデバイスなど、さまざまなアプリケーションで使用されています。

NXPはイノベーションと顧客満足度に専念しており、ニーズを満たすために顧客に最適な半導体ソリューションを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com